Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324 Datasheet(PDF) 18 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA, DC/DC Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 18 Page - ams AG

Back Button AS1324 Datasheet HTML 12Page - ams AG AS1324 Datasheet HTML 13Page - ams AG AS1324 Datasheet HTML 14Page - ams AG AS1324 Datasheet HTML 15Page - ams AG AS1324 Datasheet HTML 16Page - ams AG AS1324 Datasheet HTML 17Page - ams AG AS1324 Datasheet HTML 18Page - ams AG AS1324 Datasheet HTML 19Page - ams AG AS1324 Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
www.austriamicrosystems.com
Revision 1.03
18 - 20
AS1324
Data Sheet - P a c k age Drawin gs an d Ma rkings
10 Package Drawings and Markings
The device is available in an 5-pin TSOT-23 package.
Figure 33. 5-pin TSOT-23 Package
Notes:
1. Dimensioning and tolerancing conform to ASME Y14.5M - 1994.
2. Dimensions are in millimeters.
3. Dimension D does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, and gate burrs shall
not exceed 0.15mm per end. Dimension E1 does not include interlead flash or protrusion. Interlead flash or pro-
trusion shall not exceed 0.15mm per side. Dimensions D and E1 are determined at datum H.
4. The package top can be smaller than the package bottom. Dimensions D and E1 are determined at the outer-
most extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs, and interlead flash, but
include any mistmatches between the top of the package body and the bottom. D and E1 are determined at
datum H.
Symbol
Min
Typ
Max
Notes
Symbol
Min
Typ
Max
Notes
A
1.00
L
0.30
0.40
0.50
A1
0.01
0.05
0.10
L1
0.60REF
A2
0.84
0.87
0.90
L2
0.25BSC
b
0.30
0.45
N
5
b1
0.31
0.35
0.39
R
0.10
c
0.12
0.15
0.20
R1
0.10
0.25
c1
0.08
0.13
0.16
θ
0º
4º
8º
D
2.90BSC
3,4
θ1
4º
10º
12º
E
2.80BSC
3,4
Tolerances of Form and Position
E1
1.60BSC
3,4
aaa
0.15
e
0.95BSC
bbb
0.25
e1
1.90BSC
ccc
0.10
ddd
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com