Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324 Datasheet(PDF) 16 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA, DC/DC Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 16 Page - ams AG

Back Button AS1324 Datasheet HTML 12Page - ams AG AS1324 Datasheet HTML 13Page - ams AG AS1324 Datasheet HTML 14Page - ams AG AS1324 Datasheet HTML 15Page - ams AG AS1324 Datasheet HTML 16Page - ams AG AS1324 Datasheet HTML 17Page - ams AG AS1324 Datasheet HTML 18Page - ams AG AS1324 Datasheet HTML 19Page - ams AG AS1324 Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
www.austriamicrosystems.com
Revision 1.03
16 - 20
AS1324
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
For best overall efficiency use an inductor with a rating of 720mA or greater and less than 0.2
Ω series resistance. CIN
will require an RMS current rating of at least 0.3A
≅ ILOAD(MAX)/2, whereas COUT will require an ESR of less than
0.25
Ω. In most cases, a ceramic capacitor will satisfy this requirement.
For the feedback resistors, select the value for R1 = 375k
Ω. R2 can then be calculated from (EQ 7) to be:
R2 = (VOUT/0.6 - 1)375k = 1000k
Ω
Layout Considerations
The AS1324 requires proper layout and design techniques for optimum performance.
!
The power traces (GND, SW, and VIN) should be kept as short, direct, and wide as is practical.
!
Pin VFB (AS1324 only) should be connected directly to the feedback resistors (R1 and R2). A potentiometer as
replacement for R1 and R2 should be avoided to minimize the output voltage ripple and to maintain the stability of
the regulator.
!
The resistive divider (R1/R2) must be connected between the positive plate of COUT and ground.
!
The positive plate of CIN should be connected as close to VIN as is practical since CIN provides the AC current to
the internal power MOSFETs.
!
Switching node SW should be kept far away from the sensitive VFB node.
!
The negative plates of CIN and COUT should be kept as close to each other as is practical. A starpoint to Ground is
recommended.
Figure 29. AS1324 Basic PCB Layout
Figure 30. AS1324 Basic Diagram
5
AS1324
4
3
2
1
Via to GND
Via to VOUT
VOUT
SW
GND
VIN
Via to VIN
COUT
CIN
L1
R1
R2
CFWD
AS1324
1
EN
4
VIN
3
SW
5
VFB
2
GND
CIN
L1
R1
R2
CFWD
High Current Path
VIN
COUT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com