Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908RF2CFA Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC908RF2CFA Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC908RF2CFA
Download  MC68HC908RF2CFA Download
File Size   2775.01 Kbytes
Page   188 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

MC68HC908RF2CFA Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC908RF2CFA Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC908RF2CFA
Download  MC68HC908RF2CFA Click to download

File Size   2775.01 Kbytes
Page   188 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

MC68HC908RF2CFA Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC908RF2CFA Product details

General Description

Introduction

The MC68HC908QY4 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs). The M68HC08 Family isa Complex Instruction Set Computer (CISC) with a Von Neumann architecture. All MCUs in the familyuse the enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory sizes and types, and package types.



Features

Features include:

• High-performance M68HC08 CPU core

• Fully upward-compatible object code with M68HC05 Family

• 5-V and 3-V operating voltages (VDD)

• 8-MHz internal bus operation at 5 V, 4-MHz at 3 V

• Trimmable internal oscillator

– 3.2 MHz internal bus operation

– 8-bit trim capability allows 0.4% accuracy(1)

– ± 25% untrimmed

• Auto wakeup from STOP capability

• Configuration (CONFIG) register for MCU configuration options, including:

– Low-voltage inhibit (LVI) trip point

• In-system FLASH programming

• FLASH security(2)

• On-chip in-application programmable FLASH memory (with internal program/erase voltage generation)

– MC68HC908QY4 and MC68HC908QT4 — 4096 bytes

– MC68HC908QY2, MC68HC908QY1, MC68HC908QT2, and MC68HC908QT1 — 1536 bytes

• 128 bytes of on-chip random-access memory (RAM)

• 2-channel, 16-bit timer interface module (TIM)

• 4-channel, 8-bit analog-to-digital converter (ADC) on MC68HC908QY2, MC68HC908QY4, MC68HC908QT2, and MC68HC908QT4

• 5 or 13 bidirectional input/output (I/O) lines and one input only:

– Six shared with keyboard interrupt function and ADC

– Two shared with timer channels

– One shared with external interrupt (IRQ)

– Eight extra I/O lines on 16-pin package only

– High current sink/source capability on all port pins

– Selectable pullups on all ports, selectable on an individual bit basis

– Three-state ability on all port pins

• 6-bit keyboard interrupt with wakeup feature (KBI)

• Low-voltage inhibit (LVI) module features:

– Software selectable trip point in CONFIG register

• System protection features:

– Computer operating properly (COP) watchdog

– Low-voltage detection with reset

– Illegal opcode detection with reset

– Illegal address detection with reset

• External asynchronous interrupt pin with internal pullup (IRQ) shared with general-purpose input pin

• Master asynchronous reset pin (RST) shared with general-purpose input/output (I/O) pin

• Power-on reset

• Internal pullups on IRQand RSTto reduce external components

• Memory mapped I/O registers

• Power saving stop and wait modes

• MC68HC908QY4, MC68HC908QY2, and MC68HC908QY1 are available in these packages:

– 16-pin plastic dual in-line package (PDIP)

– 16-pin small outline integrated circuit (SOIC) package

– 16-pin thin shrink small outline package (TSSOP)

• MC68HC908QT4, MC68HC908QT2, and MC68HC908QT1 are available in these packages:

– 8-pin PDIP

– 8-pin SOIC

– 8-pin dual flat no lead (DFN) package

Features of the CPU08 include the following:

• Enhanced HC05 programming model

• Extensive loop control functions

• 16 addressing modes (eight more than the HC05)

• 16-bit index register and stack pointer

• Memory-to-memory data transfers

• Fast 8 ×8 multiply instruction

• Fast 16/8 divide instruction

• Binary-coded decimal (BCD) instructions

• Optimization for controller applications

• Efficient C language support




Similar Part No. - MC68HC908RF2CFA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908RF2CFA MOTOROLA-MC68HC908RF2CFA Datasheet
1Mb / 254P
HCMOS Microcontroller Unit
MC68HC908RF2CFA MOTOROLA-MC68HC908RF2CFA Datasheet
2Mb / 188P
Microcontrollers
logo
Freescale Semiconductor...
MC68HC908RF2CFA FREESCALE-MC68HC908RF2CFA Datasheet
2Mb / 188P
M68HC08 Microcontrollers
MC68HC908RF2CFA FREESCALE-MC68HC908RF2CFA Datasheet
2Mb / 172P
M68HC08 Microcontrollers
More results


Similar Description - MC68HC908RF2CFA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com