Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5739 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N5739 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N5739
Download  2N5739 Download
File Size   54.95 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Power Transistors

2N5739 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5739 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N5739
Download  2N5739 Click to download

File Size   54.95 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Power Transistors

2N5739 Datasheet (HTML) - Inchange Semiconductor Company Limited


2N5739 Product details

DESCRIPTION
• Collector-Emitter Sustaining Voltage- : VCEO(SUS)= -60V(Min.)
• Low Collector Saturation Voltage- : VCE(sat)= -0.5V(Max.)@ IC= -5A
• Wide Area of Safe Operation

APPLICATIONS
• Designed for general-purpose power amplifier and switching applications.




Similar Part No. - 2N5739

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2N5739 SAVANTIC-2N5739 Datasheet
115Kb / 3P
Silicon PNP Power Transistors
2N5739 SAVANTIC-2N5739 Datasheet
117Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2N5739 NJSEMI-2N5739 Datasheet
130Kb / 2P
Silicon PNP Power Transistors
More results


Similar Description - 2N5739

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
isc Silicon PNP Power Transistors
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
isc Silicon PNP Power Transistors
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com