Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP30D Datasheet (PDF) - Inchange Semiconductor Company Limited

TIP30D Datasheet PDF - Inchange Semiconductor Company Limited
Part # TIP30D
Download  TIP30D Download
File Size   149.5 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Power Transistors

TIP30D Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP30D Datasheet PDF - Inchange Semiconductor Company Limited

Part # TIP30D
Download  TIP30D Click to download

File Size   149.5 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Power Transistors

TIP30D Datasheet (HTML) - Inchange Semiconductor Company Limited


TIP30D Product details

DESCRIPTION
• DC Current Gain- : hFE = 20(Min)@ IC= -0.2A
• Collector-Emitter Sustaining Voltage- : VCEO(SUS) = -120V(Min)
• Complement to Type TIP29D

APPLICATIONS
• Designed for use in general purpose amplifier and switching applications.




Similar Part No. - TIP30D

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP30 MOSPEC-TIP30 Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Power Innovations Ltd
TIP30 POINN-TIP30 Datasheet
85Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP30 FAIRCHILD-TIP30 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
logo
Micro Electronics
TIP30 MICRO-ELECTRONICS-TIP30 Datasheet
56Kb / 1P
COMPLEMENTARY SILICON EPITAXIAL-BASE POWER TRANSISTORS
logo
List of Unclassifed Man...
TIP30 ETC2-TIP30 Datasheet
335Kb / 6P
High Power Bipolar Transistor
More results


Similar Description - TIP30D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
isc Silicon PNP Power Transistors
3CD9D ISC-3CD9D Datasheet
281Kb / 2P
isc Silicon PNP Power Transistors
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com