Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP30D Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TIP30D
Description  isc Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP30D Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TIP30D Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP30D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistors
TIP30D
DESCRIPTION
·
DC Current Gain-
: hFE = 20(Min)@ IC= -0.2A
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -120V(Min)
·
Complement to Type TIP29D
APPLICATIONS
·
Designed for use in general purpose amplifier and switching
applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-base Voltage
-160
V
VCEO
Collector-emitter Voltage
-120
V
VEBO
Emitter-base Voltage
-5
V
IC
Collector Current-Continuous
-1
A
ICM
Collector Current-Pulse
-3
A
IB
Base Current
-0.4
A
PC
Collector Power Dissipation
TC=25℃
30
w
Collector Power Dissipation
Ta=25℃
2
Tj
Junction Temperature
150
℃
Tstg
Storage Ttemperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
4.17
℃
/W
Rth j-a
Thermal Resistance,Junction to Ambient
62.5
℃
/W


Similar Part No. - TIP30D

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP30 MOSPEC-TIP30 Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Power Innovations Ltd
TIP30 POINN-TIP30 Datasheet
85Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP30 FAIRCHILD-TIP30 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
logo
Micro Electronics
TIP30 MICRO-ELECTRONICS-TIP30 Datasheet
56Kb / 1P
COMPLEMENTARY SILICON EPITAXIAL-BASE POWER TRANSISTORS
logo
List of Unclassifed Man...
TIP30 ETC2-TIP30 Datasheet
335Kb / 6P
High Power Bipolar Transistor
More results

Similar Description - TIP30D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
isc Silicon PNP Power Transistors
3CD9D ISC-3CD9D Datasheet
281Kb / 2P
isc Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com