Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU23 Datasheet (PDF) - Mospec Semiconductor

MU23 Datasheet PDF - Mospec Semiconductor
Part # MU23
Download  MU23 Download
File Size   185.77 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER RECTIFIERS(2.0A,50-400V)

MU23 Datasheet (PDF)

Go To PDF Page Download Datasheet
MU23 Datasheet PDF - Mospec Semiconductor

Part # MU23
Download  MU23 Click to download

File Size   185.77 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER RECTIFIERS(2.0A,50-400V)

MU23 Datasheet (HTML) - Mospec Semiconductor


MU23 Product details

Ideally suited for high voltage, high frequency rectification, or an free wheeling and protection diodes in surface mount applications where compact size and weight are critical to the system.

* Low Power Loss & High efficiency.
* Glass Passivated chips junction.
* 150°C Operating Junction Temperature
* Low Stored Charge Majority Carrier Conduction
* Low Forward Voltage Drop, High Current Capacity
* High-Switching Speed 35 & 50 Nanosecond Recovery Time
* Small Compact Surface Mountable Package with J-Bend Lead
* Plastic Material used Carries Underwriters Laboratory Flammability
   Classification 94V-O




Similar Part No. - MU23

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MU232A MICRO-ELECTRONICS-MU232A Datasheet
70Kb / 2P
0.3 TWO DIGIT NUMBERIC DISPLAYS
MU232C MICRO-ELECTRONICS-MU232C Datasheet
70Kb / 2P
0.3 TWO DIGIT NUMBERIC DISPLAYS
logo
RFHIC
MU2341 RFHIC-MU2341 Datasheet
209Kb / 3P
Active Up Mixer
More results


Similar Description - MU23

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER301 MOSPEC-HER301 Datasheet
125Kb / 2P
HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
MU11 MOSPEC-MU11 Datasheet
140Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
MU31 MOSPEC-MU31 Datasheet
129Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
MU51 MOSPEC-MU51 Datasheet
132Kb / 2P
POWER RECTIFIERS(5.0A,50-400V)
SF11 MOSPEC-SF11 Datasheet
137Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
SF21 MOSPEC-SF21 Datasheet
134Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
SF31 MOSPEC-SF31 Datasheet
131Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
SF41 MOSPEC-SF41 Datasheet
127Kb / 2P
POWER RECTIFIERS(4.0A,50-400V)
SF51 MOSPEC-SF51 Datasheet
127Kb / 2P
POWER RECTIFIERS(5.0A, 50-400V)
SU11 MOSPEC-SU11 Datasheet
141Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com