Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA2805S/883 Datasheet (PDF) - Crane Aerospace & Electronics.

MSA2805S/883 Datasheet PDF - Crane Aerospace & Electronics.
Part # MSA2805S/883
Download  MSA2805S/883 Download
File Size   123.54 Kbytes
Page   8 Pages
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.
Description DC/DC CONVERTERS 28 VOLT INPUT

MSA2805S/883 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSA2805S/883 Datasheet PDF - Crane Aerospace & Electronics.

Part # MSA2805S/883
Download  MSA2805S/883 Click to download

File Size   123.54 Kbytes
Page   8 Pages
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.
Description DC/DC CONVERTERS 28 VOLT INPUT

MSA2805S/883 Datasheet (HTML) - Crane Aerospace & Electronics.


MSA2805S/883 Product details

DESCRIPTION

The MSA Series™ of high frequency DC/DC converters offers a new standard of performance for low power, military/aerospace grade DC/DC converters. MSA parts provide up to 5 watts output power over the full military temperature range with up to 76% efficiency. Thick-film hybrid techniques provide military/aerospace reliability levels and optimum miniaturization. The hermetically sealed case is only 1.075 by 1.075 inches — with a height of only 0.270 inches. Power density for the MSA Series parts is 16 watts per cubic inch.



FEATURES

• –55° to +125°C operation

• 16 to 40 VDC input

• Fully isolated

• Optocoupler feedback

• Fixed frequency, 550 kHz typical (400 kHz typ. 60 V output model)

• Topology – Flyback

• 50 V for up to 50 ms transient protection

• Inhibit function

• Indefinite short circuit protection

• Up to 76% efficiency, 16 W/in3




Similar Part No. - MSA2805S/883

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MSA2805S/883 INTERPOINT-MSA2805S/883 Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S/883 INTERPOINT-MSA2805S/883 Datasheet
340Kb / 15P
MSA/MGA Single and Dual DC-DC Converters
More results


Similar Description - MSA2805S/883

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR121-2805 INTERPOINT-HR121-2805 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MHV283R3S INTERPOINT-MHV283R3S Datasheet
241Kb / 14P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com