Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA2805S/883 Datasheet(PDF) 4 Page - Crane Aerospace & Electronics.

Part # MSA2805S/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MSA2805S/883 Datasheet(HTML) 4 Page - Crane Aerospace & Electronics.

  MSA2805S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MSA2805S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MSA2805S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MSA2805S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MSA2805S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MSA2805S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MSA2805S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MSA2805S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MODEL NUMBERING KEY
SMD NUMBERS
PIN OUT
4
MSA SERIES
5 WATT
DC/DC CONVERTERS
MSA
28 12
D / 883
Base Model
Input Voltage
Output Voltage
Number of Outputs
(S = single, D = dual)
(R = decimal point, 5R2 = 5.2 Vout)
Screening
(Standard screening has no designator
in this position.)
Pin
Single Output
Dual Output
1
Positive Output
Positive Output
2
Output Common
Output Common
3
No connection
Negative Output
4
No connection
No connection
5
Inhibit
Inhibit
6
Positive Input
Positive Input
7
Input Common
Input Common
8
Case Ground
Case Ground
STANDARD MICROCIRCUIT
DRAWING (SMD)
5962-9309201HXC
IN PROCESS
5962-9309301HXC
5962-9309401HXC
5962-0052201HXC
5962-9308901HXC
5962-9309001HXC
MSA SERIES
SIMILAR PART
MSA2805S/883
MSA285R2S/883
MSA2812S/883
MSA2815S/883
MSA2860S/883
MSA2812D/883
MSA2815D/883
For exact specifications for an SMD product, refer to the SMD
drawing. Call your Interpoint representative for status on
MSA SMD releases. “883” suffix indicates SMD similar part.
SMDs can be downloaded from:
http://www.dscc.dla.mil/programs/smcr
BOTTOM VIEW
MSA
876
5
4
3
2
1
Squared corner and dot on top
of package indicate pin one.
FIGURE 1: PIN OUT BOTTOM VIEW
See page 7 for dimensions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com