Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZCK-1 Datasheet (PDF) - Systemsensor advanced ideas.

ZCK-1 Datasheet PDF - Systemsensor advanced ideas.
Part # ZCK-1
Download  ZCK-1 Download
File Size   74.65 Kbytes
Page   2 Pages
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.
Description Zonecheck Keyswitch for Control and Monitoring of the Zonecheck Flow Switch Tester

ZCK-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZCK-1 Datasheet PDF - Systemsensor advanced ideas.

Part # ZCK-1
Download  ZCK-1 Click to download

File Size   74.65 Kbytes
Page   2 Pages
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.
Description Zonecheck Keyswitch for Control and Monitoring of the Zonecheck Flow Switch Tester

ZCK-1 Datasheet (HTML) - Systemsensor advanced ideas.


ZCK-1 Product details

Zonecheck Keyswitch for Control and Monitoring of the Zonecheck Flow Switch Tester



Electrical Specifications

Operating Voltage:  ZCK-1: 120V, 60Hz; ZCK-1E, ZCK-1EG, ZCK-1EN and ZCK-50: 220VAC, 50Hz, 3w Max.

Operating Temperature:  0°C to 49°C (32°F to 120°F)

Operating Humidity:  5% to 95% RH (non-condensing)

Mounting Options:  Includes back box for surface or flush mounting.

For pre-wiring, use a 4 11/16˝ x 4 11/16˝ back box

Operation Modes:  Self-test: Wired locally

                         Group test: Interconnected

LED Operation:  Ready state: No LED

                     Test initiation: Green LED

                     Flow switch activation: Red LED (ZCK-1), Green LED (ZCK-1E, ZCK-1EG, ZCK-1EN and ZCK-50)

Tested to EN 61010-1




Similar Part No. - ZCK-1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZCKSD31 SCHNEIDER-ZCKSD31 Datasheet
147Kb / 3P
Limit switch body, Limit switches XC Standard, ZCKS, 1NC2 NO, snap action, Pg13.5
Jan 13, 2022
ZCKSD39 SCHNEIDER-ZCKSD39 Datasheet
148Kb / 3P
Limit switch body, Limit switches XC Standard, ZCKS, 2NC1 NO, snap action, Pg13.5
Jan 14, 2022
ZCKY59 SCHNEIDER-ZCKY59 Datasheet
70Kb / 2P
Limit switch lever, Limit switches XC Standard, ZCKY, thermoplastic
Apr 6, 2023
More results


Similar Description - ZCK-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
ANALOG MONITORING AND CONTROL
logo
Systemsensor advanced i...
ZONECHECK SYSTEMSENSOR-ZONECHECK Datasheet
122Kb / 4P
Flow Switch Tester
logo
List of Unclassifed Man...
3UG4622-1AW30 ETC2-3UG4622-1AW30 Datasheet
2Mb / 114P
Monitoring and Control Devices
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
ANALOG MONITORING AND CONTROL
logo
Analog Devices
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
Control and monitoring
Rev. C
AD5593R AD-AD5593R Datasheet
986Kb / 34P
Control and monitoring
Rev. B
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
Industrial monitoring and control
07-Aug-2013
logo
PHOENIX CONTACT
2701625 PHOENIX-2701625 Datasheet
64Kb / 5P
Generation and monitoring of the SafetyBridge protocol
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
Industrial Monitoring And Control
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
Industrial Monitoring And Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com