Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU25 Datasheet (PDF) - Mospec Semiconductor

MU25 Datasheet PDF - Mospec Semiconductor
Part # MU25
Download  MU25 Download
File Size   185.77 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER RECTIFIERS(2.0A,50-400V)

MU25 Datasheet (PDF)

Go To PDF Page Download Datasheet
MU25 Datasheet PDF - Mospec Semiconductor

Part # MU25
Download  MU25 Click to download

File Size   185.77 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER RECTIFIERS(2.0A,50-400V)

MU25 Datasheet (HTML) - Mospec Semiconductor


MU25 Product details

Ideally suited for high voltage, high frequency rectification, or an free wheeling and protection diodes in surface mount applications where compact size and weight are critical to the system.

* Low Power Loss & High efficiency.
* Glass Passivated chips junction.
* 150°C Operating Junction Temperature
* Low Stored Charge Majority Carrier Conduction
* Low Forward Voltage Drop, High Current Capacity
* High-Switching Speed 35 & 50 Nanosecond Recovery Time
* Small Compact Surface Mountable Package with J-Bend Lead
* Plastic Material used Carries Underwriters Laboratory Flammability
   Classification 94V-O




Similar Part No. - MU25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MU25A63 ETC2-MU25A63 Datasheet
434Kb / 3P
Manual Motor Starter MU
MU25AA110 ETC2-MU25AA110 Datasheet
434Kb / 3P
Manual Motor Starter MU
MU25AA24 ETC2-MU25AA24 Datasheet
434Kb / 3P
Manual Motor Starter MU
MU25AA240 ETC2-MU25AA240 Datasheet
434Kb / 3P
Manual Motor Starter MU
MU25AA400 ETC2-MU25AA400 Datasheet
434Kb / 3P
Manual Motor Starter MU
More results


Similar Description - MU25

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER301 MOSPEC-HER301 Datasheet
125Kb / 2P
HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
MU11 MOSPEC-MU11 Datasheet
140Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
MU31 MOSPEC-MU31 Datasheet
129Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
MU51 MOSPEC-MU51 Datasheet
132Kb / 2P
POWER RECTIFIERS(5.0A,50-400V)
SF11 MOSPEC-SF11 Datasheet
137Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
SF21 MOSPEC-SF21 Datasheet
134Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
SF31 MOSPEC-SF31 Datasheet
131Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
SF41 MOSPEC-SF41 Datasheet
127Kb / 2P
POWER RECTIFIERS(4.0A,50-400V)
SF51 MOSPEC-SF51 Datasheet
127Kb / 2P
POWER RECTIFIERS(5.0A, 50-400V)
SU11 MOSPEC-SU11 Datasheet
141Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com