Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S10C30 Datasheet (PDF) - Mospec Semiconductor

S10C30 Datasheet PDF - Mospec Semiconductor
Part # S10C30
Download  S10C30 Download
File Size   222.42 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)

S10C30 Datasheet (PDF)

Go To PDF Page Download Datasheet
S10C30 Datasheet PDF - Mospec Semiconductor

Part # S10C30
Download  S10C30 Click to download

File Size   222.42 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)

S10C30 Datasheet (HTML) - Mospec Semiconductor


S10C30 Product details

SchottkyBarrier Rectifiers



Using the SchottkyBarrier principle with a Molybdenum barrier metal. These state-of-the-art geometryfeatures epitaxial construction with oxide passivation and metal overlaycontact. Ideally suited for lowvoltage, high frequency rectification, or as free wheeling and polarityprotection diodes.



*LowForward Voltage.

*LowSwitching noise.

*High Current Capacity

*Guarantee Reverse Avalanche.

*Guard-Ring for Stress Protection.

*LowPower Loss & High efficiency.

*150℃ Operating Junction Temperature

*LowStored Charge MajorityCarrier Conduction.

*Plastic Material used Carries Underwriters Laboratory Flammability Classification 94V-O




Similar Part No. - S10C30

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S10C30CE MOSPEC-S10C30CE Datasheet
160Kb / 2P
Schottky Barrier Rectifiers
logo
Chenmko Enterprise Co. ...
S10C30PT CHENMKO-S10C30PT Datasheet
68Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - S10C30

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S10A30 MOSPEC-S10A30 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
S10S30 MOSPEC-S10S30 Datasheet
219Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
S15A30 MOSPEC-S15A30 Datasheet
235Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(15A,30-60V)
S16C30 MOSPEC-S16C30 Datasheet
229Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(16A,30-60V)
S20D30 MOSPEC-S20D30 Datasheet
328Kb / 4P
SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)
S20S30 MOSPEC-S20S30 Datasheet
245Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)
S25D30 MOSPEC-S25D30 Datasheet
249Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(25A,30-60V)
S50D30 MOSPEC-S50D30 Datasheet
257Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(50A,30-60V)
SBD1030CT MOSPEC-SBD1030CT Datasheet
168Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(10A,30-45V)
logo
SeCoS Halbleitertechnol...
SMPD1060 SECOS-SMPD1060 Datasheet
180Kb / 2P
60V, 10A Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com