Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBD1030CT Datasheet (PDF) - Mospec Semiconductor

SBD1030CT Datasheet PDF - Mospec Semiconductor
Part # SBD1030CT
Download  SBD1030CT Download
File Size   168.33 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description SCHOTTKY BARRIER RECTIFIERS(10A,30-45V)

SBD1030CT Datasheet (PDF)

Go To PDF Page Download Datasheet
SBD1030CT Datasheet PDF - Mospec Semiconductor

Part # SBD1030CT
Download  SBD1030CT Click to download

File Size   168.33 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description SCHOTTKY BARRIER RECTIFIERS(10A,30-45V)

SBD1030CT Datasheet (HTML) - Mospec Semiconductor


SBD1030CT Product details

SWITCHMODE POWER RECTIFIERS D PAK SURFACE MOUNT POWER PACKAGE

The D PAK Power rectifier employs the Schottky Barrier principle with a Molybdenum barrier metal. These state-of-the-art devices have the following features:

* Low Forward Voltage
* Low Switching noise
* High Surge Capacity
* Guarantee Reverse Avalanche
* Guard-Ring for Stress Protection
* Lower Power Loss & High efficiency
* 125℃ Operating Junction Temperature
* Lower Stored Charge Majority Carrier Conduction
* Similar Size to the industry Standard TO-251 Package
* Plastic Material used Carries Underwriters Laboratory Flammability Classification 94V-O
* Marking: S1030T-S1045T
* Weight: 0.011 ounce, 0.295 gram




Similar Part No. - SBD1030CT

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SBD10C100F SILAN-SBD10C100F Datasheet
237Kb / 6P
10A, 100V SCHOTTKY RECTIFIER
REV:1.2 2010.10.22
SBD10C100T SILAN-SBD10C100T Datasheet
237Kb / 6P
10A, 100V SCHOTTKY RECTIFIER
REV:1.2 2010.10.22
SBD10C100TSW3D98 SILAN-SBD10C100TSW3D98 Datasheet
237Kb / 6P
10A, 100V SCHOTTKY RECTIFIER
REV:1.2 2010.10.22
More results


Similar Description - SBD1030CT

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S10A30 MOSPEC-S10A30 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
S10C30 MOSPEC-S10C30 Datasheet
222Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
S10S30 MOSPEC-S10S30 Datasheet
219Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
SBD1630CT MOSPEC-SBD1630CT Datasheet
55Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(16A,30-45V)
SBD2030CT MOSPEC-SBD2030CT Datasheet
54Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(20A,30-45V)
logo
SeCoS Halbleitertechnol...
SMPD1045 SECOS-SMPD1045 Datasheet
152Kb / 2P
45V, 10A Surface Mount Schottky Barrier Rectifiers
SMPD1045L SECOS-SMPD1045L Datasheet
183Kb / 2P
45V, 10A Low VF Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
MBR1045ULPS PACELEADER-MBR1045ULPS Datasheet
401Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS 45V
logo
Shindengen Electric Mfg...
D10FY4R5ST SHINDENGEN-D10FY4R5ST Datasheet
1Mb / 7P
Schottky Barrier Diodes 45V, 10A
D10FY4R5SY SHINDENGEN-D10FY4R5SY Datasheet
1Mb / 7P
Schottky Barrier Diodes 45V, 10A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com