Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPD1045 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SMPD1045 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SMPD1045
Download  SMPD1045 Download
File Size   152.26 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 45V, 10A Surface Mount Schottky Barrier Rectifiers

SMPD1045 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMPD1045 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SMPD1045
Download  SMPD1045 Click to download

File Size   152.26 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 45V, 10A Surface Mount Schottky Barrier Rectifiers

SMPD1045 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SMPD1045

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMPD1045L SECOS-SMPD1045L Datasheet
183Kb / 2P
45V, 10A Low VF Schottky Barrier Rectifiers
SMPD1045L SECOS-SMPD1045L Datasheet
119Kb / 2P
Low VF Schottky Barrier Rectifiers
SMPD1045L-C SECOS-SMPD1045L-C Datasheet
119Kb / 2P
Low VF Schottky Barrier Rectifiers
SMPD1045L SECOS-SMPD1045L_18 Datasheet
119Kb / 2P
Low VF Schottky Barrier Rectifiers
More results


Similar Description - SMPD1045

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SBD1030CT MOSPEC-SBD1030CT Datasheet
168Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(10A,30-45V)
logo
SeCoS Halbleitertechnol...
SK345LHT SECOS-SK345LHT Datasheet
291Kb / 2P
45V, 3A Surface Mount Schottky Barrier Rectifiers
SMPD545 SECOS-SMPD545 Datasheet
221Kb / 2P
45V, 5A Surface Mount Schottky Barrier Rectifiers
SMPD1045L SECOS-SMPD1045L Datasheet
183Kb / 2P
45V, 10A Low VF Schottky Barrier Rectifiers
SMPD1060 SECOS-SMPD1060 Datasheet
180Kb / 2P
60V, 10A Surface Mount Schottky Barrier Rectifiers
SMPD10150 SECOS-SMPD10150 Datasheet
224Kb / 2P
150V, 10A Surface Mount Schottky Barrier Rectifiers
logo
Chip Integration Techno...
MBRB1040CT CITC-MBRB1040CT Datasheet
102Kb / 3P
10A Surface Mount High Power Schottky Barrier Rectifiers
logo
Shindengen Electric Mfg...
D10FY4R5ST SHINDENGEN-D10FY4R5ST Datasheet
1Mb / 7P
Schottky Barrier Diodes 45V, 10A
D10FY4R5SY SHINDENGEN-D10FY4R5SY Datasheet
1Mb / 7P
Schottky Barrier Diodes 45V, 10A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com