Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB595 Datasheet (PDF) - Savantic, Inc.

2SB595 Datasheet PDF - Savantic, Inc.
Part # 2SB595
Download  2SB595 Download
File Size   138.72 Kbytes
Page   4 Pages
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.
Description Silicon PNP Power Transistors

2SB595 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB595 Datasheet PDF - Savantic, Inc.

Part # 2SB595
Download  2SB595 Click to download

File Size   138.72 Kbytes
Page   4 Pages
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.
Description Silicon PNP Power Transistors

2SB595 Datasheet (HTML) - Savantic, Inc.


2SB595 Product details

DESCRIPTION
• With TO-220C package
• Complement to type 2SD525
• High breakdown voltage :VCEO=-100V
• Low collector saturation volage
   : VCE(sat)=-2.0V(Max)

APPLICATIONS
• Power amplifier applications
• Recommend for 30W high fidelity audio frequency amplifier output stage




Similar Part No. - 2SB595

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SB595 WINGS-2SB595 Datasheet
69Kb / 1P
LOW FREQUENCY POWER AMPLIFIER(PNP EPITAXUAL)
logo
Quanzhou Jinmei Electro...
2SB595 JMNIC-2SB595 Datasheet
222Kb / 4P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB595 ISC-2SB595 Datasheet
181Kb / 4P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB595 SAVANTIC-2SB595 Datasheet
140Kb / 4P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB595 NJSEMI-2SB595 Datasheet
130Kb / 2P
Silicon PNP Power Transistor
More results


Similar Description - 2SB595

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com