Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB595 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SB595 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SB595
Download  2SB595 Download
File Size   181.5 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Power Transistors

2SB595 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB595 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SB595
Download  2SB595 Click to download

File Size   181.5 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Power Transistors

2SB595 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SB595 Product details

DESCRIPTION
• With TO-220C package
• Complement to type 2SD525
• High breakdown voltage :VCEO=-100V
• Low collector saturation volage
   : VCE(sat)=-2.0V(Max)

APPLICATIONS
• Power amplifier applications
• Recommend for 30W high fidelity audio frequency amplifier output stage




Similar Part No. - 2SB595

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SB595 WINGS-2SB595 Datasheet
69Kb / 1P
LOW FREQUENCY POWER AMPLIFIER(PNP EPITAXUAL)
logo
Savantic, Inc.
2SB595 SAVANTIC-2SB595 Datasheet
138Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB595 JMNIC-2SB595 Datasheet
222Kb / 4P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB595 SAVANTIC-2SB595 Datasheet
140Kb / 4P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB595 NJSEMI-2SB595 Datasheet
130Kb / 2P
Silicon PNP Power Transistor
More results


Similar Description - 2SB595

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com