Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC-255 Datasheet (PDF) - Epson ToYoCom

FC-255 Datasheet PDF - Epson ToYoCom
Part # FC-255
Download  FC-255 Download
File Size   331.86 Kbytes
Page   2 Pages
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom
Description kHz RANGE CRYSTAL UNIT LOW PROFILE SMD

FC-255 Datasheet (PDF)

Go To PDF Page Download Datasheet
FC-255 Datasheet PDF - Epson ToYoCom

Part # FC-255
Download  FC-255 Click to download

File Size   331.86 Kbytes
Page   2 Pages
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom
Description kHz RANGE CRYSTAL UNIT LOW PROFILE SMD

FC-255 Datasheet (HTML) - Epson ToYoCom


FC-255 Product details

kHz RANGE CRYSTAL UNIT LOW PROFILE SMD

• Frequency range : 32.768 kHz (32 kHz to 100 kHz)
• Thickness : 0.9 mm Max.
• Overtone order : Fundamental
• Applications : Small communications devices




Similar Part No. - FC-255

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC-255 ETC-FC-255 Datasheet
201Kb / 2P
THIN SMD LOW / MEDIUM FREQUENCY CRYSTAL UNIT
logo
Epson Company
FC-255 EPSON-FC-255 Datasheet
239Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-255 EPSON-FC-255 Datasheet
349Kb / 2P
kHz RANGE CRYSTAL UNIT
More results


Similar Description - FC-255

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
FC-12M EPSONTOYOCOM-FC-12M Datasheet
461Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-13E EPSONTOYOCOM-FC-13E Datasheet
447Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-13F EPSONTOYOCOM-FC-13F Datasheet
307Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-125 EPSONTOYOCOM-FC-125 Datasheet
337Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
MC-146 EPSONTOYOCOM-MC-146 Datasheet
320Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
MC-306 EPSONTOYOCOM-MC-306_10 Datasheet
189Kb / 1P
kHz RANGE CRYSTAL UNIT SMD
logo
Epson Company
FC-12D EPSON-FC-12D Datasheet
221Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-135 EPSON-FC-135 Datasheet
239Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
MC-146 EPSON-MC-146 Datasheet
254Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
List of Unclassifed Man...
MC-306 ETC1-MC-306 Datasheet
261Kb / 2P
kHz RANGE CRYSTAL UNIT SMD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com