Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC-255 Datasheet (PDF) - Epson Company

FC-255 Datasheet PDF - Epson Company
Part # FC-255
Download  FC-255 Download
File Size   239.95 Kbytes
Page   2 Pages
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company
Description kHz RANGE CRYSTAL UNIT LOW PROFILE SMD

FC-255 Datasheet (PDF)

Go To PDF Page Download Datasheet
FC-255 Datasheet PDF - Epson Company

Part # FC-255
Download  FC-255 Click to download

File Size   239.95 Kbytes
Page   2 Pages
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company
Description kHz RANGE CRYSTAL UNIT LOW PROFILE SMD

FC-255 Datasheet (HTML) - Epson Company


FC-255 Product details

kHz RANGE CRYSTAL UNIT LOW PROFILE SMD

• Frequency range : 32.768 kHz (32 kHz to 100 kHz)
• External dimensions : 3.2 × 1.5 × 0.80 mm ···FC-135 : 4.9 × 1.8 × 0.80 mm ···FC-255
• Overtone order : Fundamental
• Applications : Small communications devices




Similar Part No. - FC-255

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC-255 ETC-FC-255 Datasheet
201Kb / 2P
THIN SMD LOW / MEDIUM FREQUENCY CRYSTAL UNIT
logo
Epson ToYoCom
FC-255 EPSONTOYOCOM-FC-255 Datasheet
331Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson Company
FC-255 EPSON-FC-255 Datasheet
349Kb / 2P
kHz RANGE CRYSTAL UNIT
More results


Similar Description - FC-255

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
FC-12M EPSONTOYOCOM-FC-12M Datasheet
461Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-13E EPSONTOYOCOM-FC-13E Datasheet
447Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-13F EPSONTOYOCOM-FC-13F Datasheet
307Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-125 EPSONTOYOCOM-FC-125 Datasheet
337Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-135 EPSONTOYOCOM-FC-135 Datasheet
331Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
MC-146 EPSONTOYOCOM-MC-146 Datasheet
320Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
MC-306 EPSONTOYOCOM-MC-306_10 Datasheet
189Kb / 1P
kHz RANGE CRYSTAL UNIT SMD
logo
Epson Company
FC-12D EPSON-FC-12D Datasheet
221Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
MC-146 EPSON-MC-146 Datasheet
254Kb / 2P
kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
List of Unclassifed Man...
MC-306 ETC1-MC-306 Datasheet
261Kb / 2P
kHz RANGE CRYSTAL UNIT SMD
More results




About Epson Company


Epson is a Japanese company that specializes in the manufacture of electronics and imaging products.
The company was founded in 1942 and is headquartered in Suwa, Nagano, Japan.
Epson offers a wide range of products including printers, projectors, industrial automation equipment, and more.
The company is known for its expertise in precision electronics and its innovative technologies in the fields of imaging, printing, and visual communication.
Epson has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its consumer and business products, Epson also provides a range of products and solutions for industrial and commercial applications, such as print head technologies, robotic systems, and wearable devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com