Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25P64-75FIP Datasheet (PDF) - Eon Silicon Solution Inc.

EN25P64-75FIP Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25P64-75FIP
Download  EN25P64-75FIP Download
File Size   540.02 Kbytes
Page   34 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 64 Megabit Uniform Sector, Serial Flash Memory

EN25P64-75FIP Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25P64-75FIP Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25P64-75FIP
Download  EN25P64-75FIP Click to download

File Size   540.02 Kbytes
Page   34 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 64 Megabit Uniform Sector, Serial Flash Memory

EN25P64-75FIP Datasheet (HTML) - Eon Silicon Solution Inc.


EN25P64-75FIP Product details

GENERAL DESCRIPTION
The EN25P64 is a 64M-bit (8192K-byte) Serial Flash memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction. The EN25P64 is designed to allow either single Sector/Block at a time or full chip erase operation. The EN25P64 can be configured to protect part of the memory as the software protected mode. The device can sustain a minimum of 100K program/erase cycles on each sector or block.

FEATURES
• Single power supply operation
   - Full voltage range: 2.7-3.6 volt
• Serial Interface Architecture
   - SPI Compatible: Mode 0 and Mode 3
• 64 M-bit Serial Flash
   - 64 M-bit/8192 K-byte/32768 pages
   - 256 bytes per programmable page
• High performance
   - 100MHz clock rate
• Low power consumption
   - 12 mA typical active current
   - 1 μA typical power down current
• Uniform Sector Architecture:
   - One hundred twenty-eight 64-Kbyte sectors
• Software and Hardware Write Protection:
   - Write Protect all or portion of memory via software
   - Enable/Disable protection with WP# pin
• High performance program/erase speed
   - Byte program time: 7µs typical
   - Page program time: 1.5ms typical
   - Sector erase time: 800ms typical
   - Chip erase time: 50 Seconds typical
• Lockable 512byte OTP security sector
• Minimum 100K endurance cycle
• Package Options
   - 16 pins SOP 300mil body width
   - All Pb-free packages are RoHS compliant
• Industrial temperature Range




Similar Part No. - EN25P64-75FIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25P05 EON-EN25P05 Datasheet
376Kb / 30P
512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GC EON-EN25P05-100GC Datasheet
376Kb / 30P
512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GCP EON-EN25P05-100GCP Datasheet
376Kb / 30P
512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GI EON-EN25P05-100GI Datasheet
376Kb / 30P
512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GIP EON-EN25P05-100GIP Datasheet
376Kb / 30P
512 Kbit Uniform Sector, Serial Flash Memory
More results


Similar Description - EN25P64-75FIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25LF40 EON-EN25LF40 Datasheet
482Kb / 32P
4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25Q64 EON-EN25Q64 Datasheet
1Mb / 60P
64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25F32 EON-EN25F32 Datasheet
666Kb / 40P
32 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q64 EON-EN25Q64_11 Datasheet
1Mb / 60P
64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH64 EON-EN25QH64 Datasheet
1Mb / 65P
64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH128A EON-EN25QH128A Datasheet
1Mb / 75P
128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25T16A EON-EN25T16A Datasheet
681Kb / 35P
16 Megabit Uniform Sector, Serial Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com