Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF830 Datasheet (PDF) - Dc Components

IRF830 Datasheet PDF - Dc Components
Part # IRF830
Download  IRF830 Download
File Size   205.94 Kbytes
Page   2 Pages
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components
Description TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET

IRF830 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF830 Datasheet PDF - Dc Components

Part # IRF830
Download  IRF830 Click to download

File Size   205.94 Kbytes
Page   2 Pages
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components
Description TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET

IRF830 Datasheet (HTML) - Dc Components


IRF830 Product details

VDSS= 500 Volts

RDS(on)= 1.5 Ohms

ID= 4.0 Amperes



Description

Designed to withstand high energy in the avalanche mode and switch efficiently. Also offer a drain-to-source diode with fast recovery time. Designed for high voltage, high speed applications

such as power supplies, PWM motor controls and other inductive loads, the avalanche energy capability is specified to eliminate the guesswork in designs where inductive loads are switched and offer additional safety margin against unexpected voltage transients.



Features

* Repetitive Avalanche Rated

* Fast Switching

* Ease of Paralleling

* Simple Drive Requirements

 




Similar Part No. - IRF830

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF830 PHILIPS-IRF830 Datasheet
58Kb / 7P
PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
STMicroelectronics
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Fairchild Semiconductor
IRF830 FAIRCHILD-IRF830 Datasheet
141Kb / 6P
N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
Intersil Corporation
IRF830 INTERSIL-IRF830 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
More results


Similar Description - IRF830

ManufacturerPart #DatasheetDescription
logo
Dc Components
2N7000 DCCOM-2N7000 Datasheet
216Kb / 1P
TECHNICAL SPECIFICATIONS OF N-CHANNEL SMALL SIGNAL MOSFET
2N7002 DCCOM-2N7002 Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF N-CHANNEL SMALL SIGNAL MOSFET
IRF630 DCCOM-IRF630 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF640 DCCOM-IRF640 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF730 DCCOM-IRF730 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF740 DCCOM-IRF740 Datasheet
209Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF840 DCCOM-IRF840 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
1N5400G CHONGQING-1N5400G Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5400 CHONGQING-1N5400 Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
6A05G CHONGQING-6A05G Datasheet
41Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com