Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF740 Datasheet (PDF) - Dc Components

IRF740 Datasheet PDF - Dc Components
Part # IRF740
Download  IRF740 Download
File Size   209.07 Kbytes
Page   2 Pages
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components
Description TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET

IRF740 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF740 Datasheet PDF - Dc Components

Part # IRF740
Download  IRF740 Click to download

File Size   209.07 Kbytes
Page   2 Pages
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components
Description TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET

IRF740 Datasheet (HTML) - Dc Components


IRF740 Product details


Designed to withstand high energy in the avalanche mode and switch efficiently. Also offer a drain-to-source diode with fast recovery time. Designed for high voltage, high speed applications such as power supplies, PWM motor controls and other inductive loads, the avalanche energy capability is specified to eliminate the guesswork in designs where inductive loads are switched and offer additional safety margin against unexpected voltage transients.






1. Repetitive Avalanche Rated

2. Fast Switching

3. Ease of Paralleling

4. Simple Drive Requirements




Similar Part No. - IRF740

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF740 STMICROELECTRONICS-IRF740 Datasheet
93Kb / 8P
N - CHANNEL 400V - 0.48 ohm - 10 A - TO-220 PowerMESH] MOSFET
Oct-1998
logo
Fairchild Semiconductor
IRF740 FAIRCHILD-IRF740 Datasheet
154Kb / 5P
N-Channel Power MOSFETs, 10A, 350V/400V
IRF740 FAIRCHILD-IRF740 Datasheet
894Kb / 10P
400V N-Channel MOSFET
logo
Intersil Corporation
IRF740 INTERSIL-IRF740 Datasheet
56Kb / 7P
10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
July 1999
logo
Vishay Siliconix
IRF740 VISHAY-IRF740 Datasheet
135Kb / 8P
Power MOSFET
16-Jun-08
More results


Similar Description - IRF740

ManufacturerPart #DatasheetDescription
logo
Dc Components
2N7000 DCCOM-2N7000 Datasheet
216Kb / 1P
TECHNICAL SPECIFICATIONS OF N-CHANNEL SMALL SIGNAL MOSFET
2N7002 DCCOM-2N7002 Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF N-CHANNEL SMALL SIGNAL MOSFET
IRF630 DCCOM-IRF630 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF640 DCCOM-IRF640 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF730 DCCOM-IRF730 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF830 DCCOM-IRF830 Datasheet
205Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF840 DCCOM-IRF840 Datasheet
206Kb / 2P
TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
1N5400G CHONGQING-1N5400G Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5400 CHONGQING-1N5400 Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
6A05G CHONGQING-6A05G Datasheet
41Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com