Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR1400 Datasheet (PDF) - MIC GROUP RECTIFIERS

PR1400 Datasheet PDF - MIC GROUP RECTIFIERS
Part # PR1400
Download  PR1400 Download
File Size   142.07 Kbytes
Page   2 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description PHOTOFLASH RECTIFIER

PR1400 Datasheet (PDF)

Go To PDF Page Download Datasheet
PR1400 Datasheet PDF - MIC GROUP RECTIFIERS

Part # PR1400
Download  PR1400 Click to download

File Size   142.07 Kbytes
Page   2 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description PHOTOFLASH RECTIFIER

PR1400 Datasheet (HTML) - MIC GROUP RECTIFIERS


PR1400 Product details

VOLTAGE RANGE 1000 to 1600 Volt
CURRENT 0.5 Ampere

FEATURES
• Fast switching.
• Low leakage
• High forward surge current capability.
• High temperature soldering guaranteed: 260°C/10 seconds, 0.375" (9.5mm)lead length at 5 lbs (2.3kg) tension.




Similar Part No. - PR1400

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PR1400 GOOD-ARK-PR1400 Datasheet
49Kb / 2P
PHOTOFLASH RECTIFIER
logo
Shenzhen Luguang Electr...
PR1400 LUGUANG-PR1400 Datasheet
60Kb / 2P
PHOTOFLASH RECTIFIER
logo
Chenmko Enterprise Co. ...
PR1400FPT CHENMKO-PR1400FPT Datasheet
77Kb / 2P
PHOTOFLASH RECTIFIER
PR1400PT CHENMKO-PR1400PT Datasheet
75Kb / 2P
PHOTOFLASH RECTIFIER
logo
GOOD-ARK Electronics
PR1400R GOOD-ARK-PR1400R Datasheet
49Kb / 2P
PHOTOFLASH RECTIFIER
More results


Similar Description - PR1400

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PR1000 GOOD-ARK-PR1000 Datasheet
49Kb / 2P
PHOTOFLASH RECTIFIER
PR1000R GOOD-ARK-PR1000R Datasheet
49Kb / 2P
PHOTOFLASH RECTIFIER
logo
Vishay Siliconix
GHR16 VISHAY-GHR16 Datasheet
28Kb / 2P
Photoflash Rectifier
22-Feb-02
logo
Chenmko Enterprise Co. ...
PR1000FPT CHENMKO-PR1000FPT Datasheet
77Kb / 2P
PHOTOFLASH RECTIFIER
PR1000PT CHENMKO-PR1000PT Datasheet
75Kb / 2P
PHOTOFLASH RECTIFIER
logo
Vishay Siliconix
GHR16 VISHAY-GHR16_09 Datasheet
66Kb / 4P
Photoflash Rectifier
10-Nov-09
logo
Shenzhen Luguang Electr...
PR1000 LUGUANG-PR1000 Datasheet
60Kb / 2P
PHOTOFLASH RECTIFIER
logo
Nantong Hornby Electron...
1F1X HORNBY-1F1X Datasheet
219Kb / 3P
PHOTOFLASH FAST RECOVERY RECTIFIER
RL1N1X00F HORNBY-RL1N1X00F Datasheet
236Kb / 3P
PHOTOFLASH FAST RECOVERY RECTIFIER
logo
Vishay Siliconix
GHR16 VISHAY-GHR16_V01 Datasheet
81Kb / 4P
Photoflash Fast Plastic Rectifier
24-Jul-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com