Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR1400 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # PR1400
Description  PHOTOFLASH RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

PR1400 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  PR1400 Datasheet HTML 1Page - MIC GROUP RECTIFIERS PR1400 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FORWARD CHARACTERISTICS
FIG.3-TYPICAL INSTANTANEOUS
RATINGS AND CHARACTERISTIC CURVES PR1000 THRU PR1600
Pulse Width=300uS
+0.5A
1.6
-1.0A
-0.25A
REVERSE RECOVERY TIME CHARACTERISTIC
2.Rise time=10ns max. Source Impedance=
NOTES: 1.Rise Time =7ns max. Input Impedance=
FIG.5-TEST CIRCUIT DIAGRAM AND
INSTANTANEOUS FORWARD VOLTAGE,(V)
AMBIENT TEMPERATURE, ( ° C)
FIG.1-TYPICAL FORWARD CURRENT
0
0.6
NONINDUCTIVE
D.U.T.
INDUCTIVE
50 ohms
1 megohm. 22pF
(-)
(+)
(approx.)
25 Vdc
0.01
50
0.4
(-)
OSCILLOSCOPE
(NOTE 1)
1
NON
(+)
(NOTE 2)
GENERATIOR
PULSE
1.0
10
0.8
NONINDUCTIVE
1.4
1.2
25
1.0
0.1
10
0
j
T =25 ° C
1% Duty Cycle
75
55
50
100
125
Inductive Load
Resistive or
Single Phase
Half Wave 60Hz
0.375''(9.5mm) lead length
500
200
DERATING CURVE
0
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVRESE VOLTAGE,(V)
NUMBER OF CYCLES AT 60 Hz
50/100ns/cm
SET TIME BASE FOR
1cm
0
1.8
Trr
175
150
1
0.1
10
1.0
p-p
=50mV
j
sig
V
f=1MHz
T =25 ° C
100
1
6
4
2
10
100
8
10
20
100
60
40
FORWARD SURGE CURRENT
(JEDEC Method)
=T
8.3ms Single Half Sine-Wave
FIG.2-MAXIMUM NON-REPETITIVE PEAK
1 Cycle
20
10
j max
j
T



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com