Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4742 Datasheet (PDF) - Micrel Semiconductor

MIC4742 Datasheet PDF - Micrel Semiconductor
Part # MIC4742
Download  MIC4742 Download
File Size   596.08 Kbytes
Page   23 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2 MHz Dual 2A Integrated Switch Buck Regulator

MIC4742 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4742 Datasheet PDF - Micrel Semiconductor

Part # MIC4742
Download  MIC4742 Click to download

File Size   596.08 Kbytes
Page   23 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2 MHz Dual 2A Integrated Switch Buck Regulator

MIC4742 Datasheet (HTML) - Micrel Semiconductor


MIC4742 Product details

General Description
The Micrel MIC4742 is a high efficiency dual PWM buck (step-down) regulator that provides dual 2A current output. The MIC4742 operates at 2MHz. A proprietary internal compensation technique allows a closed loop bandwidth of over 200kHz.

Features
• 2.9 to 5.5V supply voltage
• 2MHz PWM mode
• 2A Dual output
• Greater than 92% efficiency
• 100% maximum duty cycle
• Adjustable output voltage option down to 0.6V
• Ultra-fast transient response
• Ultra-small external components Stable with a 1µH inductor and a 4.7µF output capacitor
• Fully integrated 2A MOSFET switches
• Micro-power shutdown
• Thermal shutdown and current limit protection
• Available in a 3mm x 3mm 16-pin MLF® and 16-pin TSSOP
• –40°C to +125°C junction temperature range

Applications
• Broadband: xDSL modems
• Automotive satellite radios
• HD STB, DVD/TV recorder
• Computer peripherals: printers and graphic cards
• FPGA/ASIC
• General point of load




Similar Part No. - MIC4742

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4744 MICREL-MIC4744 Datasheet
718Kb / 23P
4 MHz Dual 2A Integrated Switch Buck Regulator
MIC4744YML MICREL-MIC4744YML Datasheet
718Kb / 23P
4 MHz Dual 2A Integrated Switch Buck Regulator
MIC4744YTSE MICREL-MIC4744YTSE Datasheet
718Kb / 23P
4 MHz Dual 2A Integrated Switch Buck Regulator
More results


Similar Description - MIC4742

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4720 MICREL-MIC4720 Datasheet
1Mb / 21P
3mm x 3mm 2.0MHz 2A Integrated Switch Buck Regulator
logo
Semtech Corporation
SC2440 SEMTECH-SC2440 Datasheet
664Kb / 26P
2.5 MHz Dual Switching Regulator with Integrated 2A Switches
logo
Micrel Semiconductor
MIC4744 MICREL-MIC4744 Datasheet
718Kb / 23P
4 MHz Dual 2A Integrated Switch Buck Regulator
logo
International Rectifier
IR3843WMPBF IRF-IR3843WMPBF Datasheet
732Kb / 34P
HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
June 29, 2010
logo
Micrel Semiconductor
MIC4782 MICREL-MIC4782 Datasheet
666Kb / 23P
1.8 MHz Dual 2A Integrated Switch Buck Regulator
MIC22601 MICREL-MIC22601 Datasheet
785Kb / 18P
4 MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
October 21, 2011
logo
International Rectifier
IR3843WM IRF-IR3843WM_15 Datasheet
750Kb / 34P
HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com