Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2440 Datasheet (PDF) - Semtech Corporation

SC2440 Datasheet PDF - Semtech Corporation
Part # SC2440
Download  SC2440 Download
File Size   664.05 Kbytes
Page   26 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 2.5 MHz Dual Switching Regulator with Integrated 2A Switches

SC2440 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC2440 Datasheet PDF - Semtech Corporation

Part # SC2440
Download  SC2440 Click to download

File Size   664.05 Kbytes
Page   26 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 2.5 MHz Dual Switching Regulator with Integrated 2A Switches

SC2440 Datasheet (HTML) - Semtech Corporation


SC2440 Product details

Description
The SC2440 is an adjustable frequency dual currentmode switching regulator with 2A integrated switches. Its high frequency operation allows the use of small inductors and capacitors, resulting in very compact power supplies. The SC2440 is suitable for next generation XDSL modems requiring operating frequencies in excess of 1.5 MHz. The two channels operate at 180° out of phase for reduced input voltage ripples. Separate soft start/shutdown pins allow independent control and output sequencing for latch-up prevention. The SC2440 can also be externally synchronized up to 2.5 MHz per channel.

Features
◆ Up to 2.5 MHz/Channel Programmable Switching Frequency
◆ Fixed Frequency Current-mode Control
◆ Wide Input Voltage Range 2.8V to 20V
◆ Out of Phase Switching Reduces Ripple
◆ Cycle-by-cycle Current-limiting
◆ Independent Shutdown/soft-start Pins
◆ Independent Hiccup Overload Protection
◆ Independent Power-Good Indicators
◆ Two 2A Integrated Switches
◆ External Synchronization
◆ Thermal Shutdown
◆ Thermally Enhanced 16-pin TSSOP Package

Applications
◆ XDSL and Cable Modems
◆ Set-up Boxes
◆ Point of Load Applications
◆ CPE Equipment
◆ DSP Power Supplies
◆ Disk Drives




Similar Part No. - SC2440

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2440A SEMTECH-SC2440A Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
SC2440AEVB SEMTECH-SC2440AEVB Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
SC2440ATETRT SEMTECH-SC2440ATETRT Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
More results


Similar Description - SC2440

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4972A STMICROELECTRONICS-L4972A_05 Datasheet
1Mb / 22P
2A SWITCHING REGULATOR
May-2005
logo
Vishay Siliconix
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
300-MHz, 2.5-Ω, Dual SPDT Analog Switches
30-Apr-07
logo
Micrel Semiconductor
MIC4742 MICREL-MIC4742 Datasheet
596Kb / 23P
2 MHz Dual 2A Integrated Switch Buck Regulator
MIC4744 MICREL-MIC4744 Datasheet
718Kb / 23P
4 MHz Dual 2A Integrated Switch Buck Regulator
MIC4782 MICREL-MIC4782 Datasheet
666Kb / 23P
1.8 MHz Dual 2A Integrated Switch Buck Regulator
logo
Vishay Siliconix
DG787 VISHAY-DG787 Datasheet
149Kb / 10P
300-MHz, 2.5-ohm, Dual SPDT Analog Switches
28-Sep-09
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
October 21, 2011
logo
Semtech Corporation
SC2440A SEMTECH-SC2440A Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
logo
Vishay Siliconix
DG3516 VISHAY-DG3516_V01 Datasheet
180Kb / 11P
300 MHz, 2.5 Ω, Dual SPDT Analog Switches
13-Jun-11
DG787 VISHAY-DG787_V01 Datasheet
149Kb / 10P
300-MHz, 2.5-Ω, Dual SPDT Analog Switches
28-Sep-09
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com