Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2440 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 2 Page - Semtech Corporation

  SC2440 Datasheet HTML 1Page - Semtech Corporation SC2440 Datasheet HTML 2Page - Semtech Corporation SC2440 Datasheet HTML 3Page - Semtech Corporation SC2440 Datasheet HTML 4Page - Semtech Corporation SC2440 Datasheet HTML 5Page - Semtech Corporation SC2440 Datasheet HTML 6Page - Semtech Corporation SC2440 Datasheet HTML 7Page - Semtech Corporation SC2440 Datasheet HTML 8Page - Semtech Corporation SC2440 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.
Parameter
Symbol
Max
Units
Input Voltage
V
IN
-0.3 to 20
V
Boost Pin
V
BST
40
V
Boost Pin Above SW
V
BST-VSW
20
V
PGOOD Pin Voltage
V
PGOOD
V
IN
V
SS Pins
V
SS
3
V
FB Pins
V
FB
-0.3 to V
IN
V
SYNC Pin Current
I
SYNC
5
mA
SW Voltage
V
SW
-0.6 to V
IN
V
SW Transient Spikes (<10ns Duration)
V
SW
V
IN +1.5
V
-2.5
Operating Ambient Temperature Range
T
A
-40 to 85
°C
Thermal Resistance Junction to Ambient
θ
JA
45
°C/W
Maximum Junction Temperature
T
J
150
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature (Soldering)10 sec
T
LEAD
300
°C
Parameter
Conditions
Min
Typ
Max
Units
V
IN S tart Voltage
2.45
2.62
2.78
V
V
IN S tart Hysteresis
75
mV
Quiescent Current
Not switching, PGOOD Open
3.3
4.3
mA
Shutdown Current
V
SS1 = VSS2 = 0V, PGOOD Open
38
60
µA
Feedback Voltage
0.980
1.000
1.020
V
Feedback Voltage Line
Regulation
V
IN = 3V to 20V
0.005
%/V
FB Pin Input Bias Current
V
FB = 1V, VCOMP = 1.5V
-15
-30
nA
Error Amplifier Transconductance
280
µ
Ω-1
Error Amplifier Open-loop Gain
53
dB
COMP Source Current
V
FB = 0.8V, VCOMP = 1.5V
20
µA
COMP Sink Current
V
FB = 1.2V, VCOMP = 1.5V
20
µA
COMP Pin to Switch Current Gain
5.7
A/V
Unless specified: -40°C < T
A < 85°C, -40°C < TJ< 105°C, ROSC = 12.1KΩ, VSYNC = 0, VIN = 5V, VBOOST = 8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com