Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2440 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC2440 Datasheet HTML 9Page - Semtech Corporation SC2440 Datasheet HTML 10Page - Semtech Corporation SC2440 Datasheet HTML 11Page - Semtech Corporation SC2440 Datasheet HTML 12Page - Semtech Corporation SC2440 Datasheet HTML 13Page - Semtech Corporation SC2440 Datasheet HTML 14Page - Semtech Corporation SC2440 Datasheet HTML 15Page - Semtech Corporation SC2440 Datasheet HTML 16Page - Semtech Corporation SC2440 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
Applications Information
results from the ESR of the output capacitor while the
second term is due to the charging and discharging of
C
OUT by the inductor ripple current. Substituting ∆IL = 0.6A,
f = 1MHz and C
OUT = 10µF ceramic with ESR = 3mΩ in
(7),
mV
3
.
9
mV
5
.
7
mV
8
.
1
)
m
5
.
12
m
3
(
A
6
.
0
VOUT
=
+
=
Ω
+
Ω
⋅
=
∆
Depending on operating frequency and the type of
capacitor, ripple voltage resulting from charging and
discharging of C
OUT may be higer than that due to ESR. A
10µF or 22µF X5R ceramic capacitor is found adequate
for output filtering in most applications. Ripple current
in the output capacitor is not a concern because the
inductor current of a buck converter directly feeds C
OUT,
resulting in very low ripple current. Avoid using Z5U and
Y5V ceramic capacitors for output filtering because these
types of capacitors have high temperature and high
voltage coefficients.
Freewheeling Diode
Use of Schottky barrier diodes as freewheeling rectifiers
reduces diode reverse recovery input current spikes,
easing high-side current sensing in the SC2440. These
diodes should have a RMS current rating between 1A
and 2A and a reverse blocking voltage of at least 5V
higher than the input voltage. For switching regulators
operating at low duty cycles (i.e. low output voltage to
input voltage conversion ratios), it is beneficial to use
freewheeling diodes with somewhat higher RMS current
ratings (thus lower forward voltages). This is because the
diode conduction interval is much longer than that of
the transistor. Converter efficiency will be improved if
the voltage drop across the diode is lower.
The freewheeling diodes should be placed close to the
SW pins of the SC2440 to minimize ringing due to trace
inductance. Surface-mount equivalents of 1N5817 and
1N5819, MBRM120LT3 (ON Semi), UPS120 and
UPS140 (Micro-Semi) are all suitable.
Bootstrapping the Power Transistors
To maximize efficiency, the turn-on voltage across the
internal power NPN transistors should be minimized. If
these transistors are to be driven into saturation, then
their bases will have to be driven from a power supply
higher in voltage than V
IN. The required driver supply
voltage (at least 2.5V higher than the SW voltage over
the industrial temperature range) is generated with a
bootstrap circuit (the diode D
BST and the capacitor CBST in
Figure 8). The bootstrapped output (the common node
between D
BST and CBST) is connected to the BOOST pin of
the SC2440. The power transistor in the SC2440 is first
switched on to build up current in the inductor. When
the transistor is switched off, the inductor current pulls
the SW node low, allowing C
BST to be charged through
D
BST. When the power switch is again turned on, the SW
voltage goes high. This brings the BOOST voltage to
BST
C
SW
V
V +
, thus back-biasing D
BST. CBST voltage increases
with each subsequent switching cycle, as does the
bootstrapped voltage at the BOOST pin. After a number
of switching cycles, C
BST will be fully charged to a voltage
approximately equal to that applied to the anode of D
BST.
Figure 7 shows the typical minimum BOOST to SW voltage
required to fully saturate the power transistor. This
differential voltage (
BST
C
V
=
) must be at least 1.8V at
room temperature. This is also specified in the “Electrical
Characteristics” as “Minimum Bootstrap Voltage”. The
minimum required V
CBST increases as temperature
decreases. The bootstrap circuit reaches equilibrium
when the base charge drawn from C
BST during transistor
on time is equal to the charge replenished during the off
interval.
Figure 7. Typical Minimum Bootstrap Voltage Re-
quired to Maintain Saturation at I
SW = 2A.
Minimum Bootstrap Voltage
vs Temperature
1.4
1.6
1.8
2.0
2.2
2.4
-50
-25
0
25
50
75
100
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com