Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2440 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC2440
Description  2.5 MHz Dual Switching Regulator with Integrated 2A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC2440 Datasheet HTML 17Page - Semtech Corporation SC2440 Datasheet HTML 18Page - Semtech Corporation SC2440 Datasheet HTML 19Page - Semtech Corporation SC2440 Datasheet HTML 20Page - Semtech Corporation SC2440 Datasheet HTML 21Page - Semtech Corporation SC2440 Datasheet HTML 22Page - Semtech Corporation SC2440 Datasheet HTML 23Page - Semtech Corporation SC2440 Datasheet HTML 24Page - Semtech Corporation SC2440 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
© 2005 Semtech Corp.
www.semtech.com
SC2440
POWER MANAGEMENT
Applications Information
Board Layout Considerations
In a step-down switching regulator, the input bypass
capacitor, the main power switch and the freewheeling
diode carry switched currents with high
dt
di
(Figure 15).
For jitter-free operation, the size of the loop formed by
these components should be minimized. Since the power
switches are already integrated within the SC2440,
connecting the anodes of both freewheeling diodes close
to the negative terminal of the input bypass capacitor
minimizes size of the switched current loop. The input
bypass capacitors should also be placed close to the
Figure 14. Overall Loop Gain and Phase versus Frequency for (a) Channel 1 and (b) Channel 2 of the Dual
DC-DC Converter in Figure 1. (c) Channel 1 Load Transient Response, I
OUT1 is switched between
0.3A and 1.7A. (d) Channel 2 Load Transient Response, I
OUT2 is switched between 0.45A and
1.7A.
Upper Trace : OUT1 Voltage, AC Coupled, 0.5V/div
Lower Trace : L
1 Inductor Current, 0.5A/div
Upper Trace : OUT2 Voltage, AC Coupled, 0.5V/div
Lower Trace : L
2 Inductor Current, 0.5A/div
(d)
(c)
40µs/div
V
OUT=5V
40µs/div
V
OUT=3.3V
(a)
V
IN=12V, VOUT=3.3V at 1.7A,
C
5=470pF, R5=15.4KΩ and C6=10pF
(b)
V
IN=12V, VOUT=5V at 1.7A,
C
7=220pF, R8=24.3KΩ and C9=10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com