Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-R6LH Datasheet (PDF) - Mini-Circuits

ADE-R6LH Datasheet PDF - Mini-Circuits
Part # ADE-R6LH
Download  ADE-R6LH Download
File Size   232.23 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description High Reliability Mixer Level 10 (LO Power 10 dBm) 0.2 to 250 MHz

ADE-R6LH Datasheet (PDF)

Go To PDF Page Download Datasheet
ADE-R6LH Datasheet PDF - Mini-Circuits

Part # ADE-R6LH
Download  ADE-R6LH Click to download

File Size   232.23 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description High Reliability Mixer Level 10 (LO Power 10 dBm) 0.2 to 250 MHz

ADE-R6LH Datasheet (HTML) - Mini-Circuits


ADE-R6LH Product details

Surface Mount High Reliability Mixer

Level 10 (LO Power +10 dBm) 0.2 to 250 MHz



Features

• hermetically sealed ceramic quad

• low conversion loss, 4.9 dB typ.

• excellent L-R isolation, 50 dB typ.

• low profile package

• aqueous washable

• protected by US Patent 6,133,525



Applications

• cellular




Similar Part No. - ADE-R6LH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R6 MINI-ADE-R6 Datasheet
227Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.15 to 250 MHz
ADE-R6+ MINI-ADE-R6+ Datasheet
227Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.15 to 250 MHz
More results


Similar Description - ADE-R6LH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R1LH MINI-ADE-R1LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1 to 500 MHz
ADE-R3GLH MINI-ADE-R3GLH Datasheet
233Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 2000 to 2700 MHz
ADE-R5LH MINI-ADE-R5LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1500 MHz
ADE-R20LH MINI-ADE-R20LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1500 to 2800 MHz
ADE-R35LH MINI-ADE-R35LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1800 to 3500 MHz
ADE-R901LH MINI-ADE-R901LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 300 to 1000 MHz
ADEX-R10LH MINI-ADEX-R10LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1000 MHz
TUF-R1LHSM MINI-TUF-R1LHSM Datasheet
267Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 5 to 600 MHz
TUF-R2LHSM MINI-TUF-R2LHSM Datasheet
259Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 50 to 1000 MHz
TUF-R5LHSM MINI-TUF-R5LHSM Datasheet
262Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 20 to 1500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com