Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-R6LH Datasheet(PDF) 2 Page - Mini-Circuits

Part # ADE-R6LH
Description  High Reliability Mixer Level 10 (LO Power 10 dBm) 0.2 to 250 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-R6LH Datasheet(HTML) 2 Page - Mini-Circuits

  ADE-R6LH Datasheet HTML 1Page - Mini-Circuits ADE-R6LH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 2 of 2
Performance Charts
ADE-R6LH+
CONVERSION LOSS
0
2
4
6
8
10
0
50
100
150
200
250
FREQUENCY (MHz)
LO=+7dBm
LO=+10dBm
LO=+13dBm
at IF Freq of 30 MHz
ADE-R6LH+
L-R ISOLATION
30
40
50
60
70
80
90
100
0
50
100
150
200
250
FREQUENCY (MHz)
LO=+7dBm
LO=+10dBm
LO=+13dBm
ADE-R6LH+
RF VSWR
1.0
1.2
1.4
1.6
1.8
2.0
0
50
100
150
200
250
FREQUENCY (MHz)
LO=+7dBm
LO=+10dBm
LO=+13dBm
ADE-R6LH+
L-I ISOLATION
20
30
40
50
60
70
80
0
50
100
150
200
250
FREQUENCY (MHz)
LO=+7dBm
LO=+10dBm
LO=+13dBm
ADE-R6LH+
LO VSWR
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
50
100
150
200
250
FREQUENCY (MHz)
LO=+7dBm
LO=+10dBm
LO=+13dBm
ADE-R6LH+
IF VSWR
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
FREQUENCY (MHz)
LO=+7dBm
LO=+10dBm
LO=+13dBm
ADE-R6LH+



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com