Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUF-R1MHSM Datasheet (PDF) - Mini-Circuits

TUF-R1MHSM Datasheet PDF - Mini-Circuits
Part # TUF-R1MHSM
Download  TUF-R1MHSM Download
File Size   264.74 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz

TUF-R1MHSM Datasheet (PDF)

Go To PDF Page Download Datasheet
TUF-R1MHSM Datasheet PDF - Mini-Circuits

Part # TUF-R1MHSM
Download  TUF-R1MHSM Click to download

File Size   264.74 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz

TUF-R1MHSM Datasheet (HTML) - Mini-Circuits




Similar Part No. - TUF-R1MHSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TUF-R1LHSM MINI-TUF-R1LHSM Datasheet
267Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 5 to 600 MHz
TUF-R1LHSM+ MINI-TUF-R1LHSM+ Datasheet
267Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 5 to 600 MHz
TUF-R1SM MINI-TUF-R1SM Datasheet
268Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 5 to 600 MHz
TUF-R1SM+ MINI-TUF-R1SM+ Datasheet
268Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 5 to 600 MHz
More results


Similar Description - TUF-R1MHSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SYM-25DMHW MINI-SYM-25DMHW Datasheet
291Kb / 2P
Level 13 (LO Power 13 dBm) 40 to 2500 MHz
ADE-R1LH MINI-ADE-R1LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1 to 500 MHz
ADE-R1MHW MINI-ADE-R1MHW Datasheet
227Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
ADE-R6LH MINI-ADE-R6LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 0.2 to 250 MHz
ADE-R12MH MINI-ADE-R12MH Datasheet
238Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 10 to 1200 MHz
TUF-R1LHSM MINI-TUF-R1LHSM Datasheet
267Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 5 to 600 MHz
TUF-R1SM MINI-TUF-R1SM Datasheet
268Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 5 to 600 MHz
TUF-R2MHSM MINI-TUF-R2MHSM Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 50 to 1000 MHz
TUF-R3MHSM MINI-TUF-R3MHSM Datasheet
277Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 0.3 to 400 MHz
TUF-R5MHSM MINI-TUF-R5MHSM Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 20 to 1500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com