Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP127 Datasheet (PDF) - Mospec Semiconductor

TIP127 Datasheet PDF - Mospec Semiconductor
Part # TIP127
Download  TIP127 Download
File Size   206.87 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(5.0A,60-100V,65W)

TIP127 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP127 Datasheet PDF - Mospec Semiconductor

Part # TIP127
Download  TIP127 Click to download

File Size   206.87 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(5.0A,60-100V,65W)

TIP127 Datasheet (HTML) - Mospec Semiconductor


TIP127 Product details

... designed for general−purpose amplifier and low−speed switching applications.

FEATURES:
• Collector−Emitter Sustaining Voltage −
   VCEO(sus) = 60 V (Min) − TIP120, TIP125
                      = 80 V (Min) − TIP121, TIP126
                      = 100 V (Min) − TIP122, TIP127
• Low Collector−Emitter Saturation Voltage −
   VCE(sat) = 2.0 V (Max.) @ IC = 3.0 A 
• Monolithic Construction with Built−In Base−Emitter Shunt Resistors




Similar Part No. - TIP127

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TIP127 MOTOROLA-TIP127 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP127 POINN-TIP127 Datasheet
105Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP127 STMICROELECTRONICS-TIP127 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Wing Shing Computer Com...
TIP127 WINGS-TIP127 Datasheet
65Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Fairchild Semiconductor
TIP127 FAIRCHILD-TIP127 Datasheet
45Kb / 4P
Medium Power Linear Switching Applications
More results


Similar Description - TIP127

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6386 MOSPEC-2N6386 Datasheet
160Kb / 3P
POWER TRANSISTORS(65W)
2N6666 MOSPEC-2N6666 Datasheet
151Kb / 3P
POWER TRANSISTORS(65W)
2SC2908 MOSPEC-2SC2908 Datasheet
120Kb / 3P
POWER TRANSISTORS(5.0A,100V,50W)
BDV66 MOSPEC-BDV66 Datasheet
102Kb / 3P
POWER TRANSISTORS(16A,60-100V,125W)
MJ4030 MOSPEC-MJ4030 Datasheet
125Kb / 3P
POWER TRANSISTORS(16A,60-100V,150W)
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
TIP110 MOSPEC-TIP110 Datasheet
146Kb / 3P
POWER TRANSISTORS(2.0A,60-100V,50W)
TIP130 MOSPEC-TIP130 Datasheet
150Kb / 3P
POWER TRANSISTORS(8.0A,60-100V,70W)
TIP140T MOSPEC-TIP140T Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,80W)
TIP41 MOSPEC-TIP41 Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com