Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP127 Datasheet (PDF) - Motorola, Inc

TIP127 Datasheet PDF - Motorola, Inc
Part # TIP127
Download  TIP127 Download
File Size   251.64 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS

TIP127 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP127 Datasheet PDF - Motorola, Inc

Part # TIP127
Download  TIP127 Click to download

File Size   251.64 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS

TIP127 Datasheet (HTML) - Motorola, Inc


TIP127 Product details

Plastic Medium-Power Complementary Silicon Transistors

. . . designed for general–purpose amplifier and low–speed switching applications.

• High DC Current Gain —
      hFE = 2500 (Typ) @ IC = 4.0 Adc
• Collector–Emitter Sustaining Voltage — @ 100 mAdc
      VCEO(sus) = 60 Vdc (Min) — TIP120, TIP125
                         = 80 Vdc (Min) — TIP121, TIP126
                         = 100 Vdc (Min) — TIP122, TIP127
• Low Collector–Emitter Saturation Voltage —
      VCE(sat) = 2.0 Vdc (Max) @ IC = 3.0 Adc
                      = 4.0 Vdc (Max) @ IC = 5.0 Adc
• Monolithic Construction with Built–In Base–Emitter Shunt Resistors
• TO–220AB Compact Package




Similar Part No. - TIP127

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP127 MOSPEC-TIP127 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Power Innovations Ltd
TIP127 POINN-TIP127 Datasheet
105Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP127 STMICROELECTRONICS-TIP127 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Wing Shing Computer Com...
TIP127 WINGS-TIP127 Datasheet
65Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Fairchild Semiconductor
TIP127 FAIRCHILD-TIP127 Datasheet
45Kb / 4P
Medium Power Linear Switching Applications
More results


Similar Description - TIP127

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TIP100 MOTOROLA-TIP100 Datasheet
218Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
TIP110 MOTOROLA-TIP110 Datasheet
269Kb / 6P
DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
TIP140 MOTOROLA-TIP140 Datasheet
234Kb / 6P
10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
List of Unclassifed Man...
MJ2501 ETC1-MJ2501 Datasheet
485Kb / 4P
10 Ampere Darlington Power Transistors Complementary Silicon
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com