Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5820 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

1N5820 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 1N5820
Download  1N5820 Download
File Size   119.75 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 20V ~ 40V 3.0AMP Schottky Barrier Rectifiers

1N5820 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5820 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 1N5820
Download  1N5820 Click to download

File Size   119.75 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 20V ~ 40V 3.0AMP Schottky Barrier Rectifiers

1N5820 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


1N5820 Product details

FEATURES
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction




Similar Part No. - 1N5820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5820 MOTOROLA-1N5820 Datasheet
168Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
Pan Jit International I...
1N5820 PANJIT-1N5820 Datasheet
55Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Amperes)
logo
STMicroelectronics
1N5820 STMICROELECTRONICS-1N5820 Datasheet
63Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
logo
Surge Components
1N5820 SURGE-1N5820 Datasheet
76Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Ampere???
logo
Transys Electronics
1N5820 TRSYS-1N5820 Datasheet
159Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - 1N5820

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N5817 SECOS-1N5817 Datasheet
190Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Schottky Barrier Rectifiers
SCS120PR SECOS-SCS120PR Datasheet
198Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SK32AF WILLAS-SK32AF Datasheet
326Kb / 2P
3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Leshan Radio Company
SM320C LRC-SM320C Datasheet
407Kb / 4P
VOLTAGE 20V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB320 CYSTEKEC-SB320 Datasheet
248Kb / 3P
3.0Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR320-DO27 YFWDIODE-SR320-DO27 Datasheet
267Kb / 2P
3.0Amp Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SR320 PACELEADER-SR320 Datasheet
566Kb / 2P
3.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Silicon Co., Ltd
SK32 FS-SK32 Datasheet
299Kb / 3P
VOLTAGE 20V ~ 60V 3.0AMP Surface Mount Schottky Barrier Rectifiers
SK32A FS-SK32A Datasheet
186Kb / 3P
VOLTAGE 20V ~ 60V 3.0AMP Surface Mount Schottky Barrier Rectifiers
SL12 FS-SL12 Datasheet
136Kb / 3P
VOLTAGE 20V ~ 40V 1.0AMP Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com