Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5817 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

1N5817 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 1N5817
Download  1N5817 Download
File Size   190.73 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 20V ~ 40V 1.0AMP Schottky Barrier Rectifiers

1N5817 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5817 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 1N5817
Download  1N5817 Click to download

File Size   190.73 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 20V ~ 40V 1.0AMP Schottky Barrier Rectifiers

1N5817 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


1N5817 Product details

FEATURES
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction




Similar Part No. - 1N5817

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5817 MOTOROLA-1N5817 Datasheet
96Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817 Datasheet
98Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
1N5817 PHILIPS-1N5817 Datasheet
37Kb / 9P
Schottky barrier diodes
1996 May 03
logo
STMicroelectronics
1N5817 STMICROELECTRONICS-1N5817 Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
logo
Surge Components
1N5817 SURGE-1N5817 Datasheet
66Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere?
More results


Similar Description - 1N5817

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N5820 SECOS-1N5820 Datasheet
119Kb / 2P
VOLTAGE 20V ~ 40V 3.0AMP Schottky Barrier Rectifiers
1S20 SECOS-1S20 Datasheet
279Kb / 2P
VOLTAGE 20V ~ 60V 1.0AMP Schottky Barrier Rectifiers
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
SCS120PR SECOS-SCS120PR Datasheet
198Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
SCS120V SECOS-SCS120V Datasheet
210Kb / 2P
1.0Amp 20V Schottky Barrier Rectifiers
SR120 SECOS-SR120 Datasheet
189Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS120P WILLAS-SCS120P Datasheet
153Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
SK12AF WILLAS-SK12AF Datasheet
306Kb / 2P
1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
First Silicon Co., Ltd
SK12 FS-SK12 Datasheet
249Kb / 3P
VOLTAGE 20V ~ 60V 1.0AMP Surface Mount Schottky Barrier Rectifiers
SL12 FS-SL12 Datasheet
136Kb / 3P
VOLTAGE 20V ~ 40V 1.0AMP Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com