Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS120P Datasheet (PDF) - WILLAS ELECTRONIC CORP

SCS120P Datasheet PDF - WILLAS ELECTRONIC CORP
Part # SCS120P
Download  SCS120P Download
File Size   153.19 Kbytes
Page   2 Pages
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP
Description VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers

SCS120P Datasheet (PDF)

Go To PDF Page Download Datasheet
SCS120P Datasheet PDF - WILLAS ELECTRONIC CORP

Part # SCS120P
Download  SCS120P Click to download

File Size   153.19 Kbytes
Page   2 Pages
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP
Description VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers

SCS120P Datasheet (HTML) - WILLAS ELECTRONIC CORP


SCS120P Product details

FEATURES
● High Current Capability
● Extremely Low Thermal Resistance
● For Surface Mount Application
● Higher Temp Soldering : 250 °C for 10 Seconds At Terminals
● Low Forward Voltage
● RoHS product for packing code suffix "G"
   Halogen free product for packing code suffix "H"




Similar Part No. - SCS120P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS120P SECOS-SCS120P Datasheet
184Kb / 2P
VOLTAGE 20 V ~ 100 V 1.0 A Schottky Barrier Rectifiers
logo
CHENG-YI ELECTRONIC CO....
SCS120P CHENG-YI-SCS120P Datasheet
293Kb / 2P
1.0AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS120P-C SECOS-SCS120P-C Datasheet
220Kb / 2P
Schottky Barrier Rectifiers
SCS120PR SECOS-SCS120PR Datasheet
198Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
logo
TDK Electronics
SCS120PW12 TDK-SCS120PW12 Datasheet
219Kb / 1P
AC-DC Power Supplies
June 28, 2022
More results


Similar Description - SCS120P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N5817 SECOS-1N5817 Datasheet
190Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Schottky Barrier Rectifiers
1S20 SECOS-1S20 Datasheet
279Kb / 2P
VOLTAGE 20V ~ 60V 1.0AMP Schottky Barrier Rectifiers
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
SCS120V SECOS-SCS120V Datasheet
210Kb / 2P
1.0Amp 20V Schottky Barrier Rectifiers
SR120 SECOS-SR120 Datasheet
189Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
SR1620 SECOS-SR1620 Datasheet
248Kb / 2P
VOLTAGE 20V ~ 100V 16.0AMP Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SB120 FS-SB120 Datasheet
428Kb / 2P
REVERSE VOLTGE 20V~100V, FORWARD CURRENT 1.0AMP Schottky Barrier Rectifiers
SK12 FS-SK12 Datasheet
249Kb / 3P
VOLTAGE 20V ~ 60V 1.0AMP Surface Mount Schottky Barrier Rectifiers
SK17 FS-SK17 Datasheet
285Kb / 3P
VOLTAGE 70V ~ 100V 1.0AMP Surface Mount Schottky Barrier Rectifiers
SL12 FS-SL12 Datasheet
136Kb / 3P
VOLTAGE 20V ~ 40V 1.0AMP Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com