Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS120P Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SCS120P Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SCS120P
Download  SCS120P Download
File Size   184.5 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 20 V ~ 100 V 1.0 A Schottky Barrier Rectifiers

SCS120P Datasheet (PDF)

Go To PDF Page Download Datasheet
SCS120P Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SCS120P
Download  SCS120P Click to download

File Size   184.5 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 20 V ~ 100 V 1.0 A Schottky Barrier Rectifiers

SCS120P Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SCS120P

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SCS120P WILLAS-SCS120P Datasheet
153Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
logo
CHENG-YI ELECTRONIC CO....
SCS120P CHENG-YI-SCS120P Datasheet
293Kb / 2P
1.0AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS120P-C SECOS-SCS120P-C Datasheet
220Kb / 2P
Schottky Barrier Rectifiers
SCS120PR SECOS-SCS120PR Datasheet
198Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
logo
TDK Electronics
SCS120PW12 TDK-SCS120PW12 Datasheet
219Kb / 1P
AC-DC Power Supplies
June 28, 2022
More results


Similar Description - SCS120P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS160V SECOS-SCS160V Datasheet
185Kb / 2P
1.0 A, 60 V Schottky Barrier Rectifiers
SCS0520P SECOS-SCS0520P_09 Datasheet
273Kb / 2P
0.5 A, 20 V Schottky Barrier Rectifiers
SCS0520V SECOS-SCS0520V_09 Datasheet
383Kb / 2P
0.5 A, 20 V Schottky Barrier Rectifiers
SCS1100P SECOS-SCS1100P Datasheet
270Kb / 2P
1 A, 100 V Schottky Barrier Rectifiers
SCS1100V SECOS-SCS1100V Datasheet
269Kb / 2P
1 A, 100 V Schottky Barrier Rectifiers
SCS05100P SECOS-SCS05100P Datasheet
271Kb / 2P
0.5 A, 100 V Schottky Barrier Rectifiers
SCS05100V SECOS-SCS05100V Datasheet
268Kb / 2P
0.5 A, 100 V Schottky Barrier Rectifiers
SM220FL SECOS-SM220FL Datasheet
306Kb / 2P
Voltage 20 ~ 100 V 2.0 Amp Schottky Barrier Rectifiers
SCS0520LP SECOS-SCS0520LP_12 Datasheet
148Kb / 2P
0.5 A, 20 V Schottky Barrier Rectifiers
MSCD102 SECOS-MSCD102 Datasheet
177Kb / 3P
Voltage 20 V ~ 60 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com