Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS1100V Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SCS1100V Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SCS1100V
Download  SCS1100V Download
File Size   269.55 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1 A, 100 V Schottky Barrier Rectifiers

SCS1100V Datasheet (PDF)

Go To PDF Page Download Datasheet
SCS1100V Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SCS1100V
Download  SCS1100V Click to download

File Size   269.55 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1 A, 100 V Schottky Barrier Rectifiers

SCS1100V Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SCS1100V Product details

FEATURES
♦ High Current Capability
♦ Extremely Low Thermal Resistance
♦ For Surface Mount Application
♦ Higher Temp Soldering : 250°C for 10 Seconds at Terminals
♦ Low Forward Voltage




Similar Part No. - SCS1100V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS1100V-C SECOS-SCS1100V-C Datasheet
190Kb / 2P
Schottky Barrier Rectifiers
SCS1100V SECOS-SCS1100V_15 Datasheet
269Kb / 2P
Schottky Barrier Rectifiers
More results


Similar Description - SCS1100V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS120P SECOS-SCS120P Datasheet
184Kb / 2P
VOLTAGE 20 V ~ 100 V 1.0 A Schottky Barrier Rectifiers
SCS1100P SECOS-SCS1100P Datasheet
270Kb / 2P
1 A, 100 V Schottky Barrier Rectifiers
SCS05100P SECOS-SCS05100P Datasheet
271Kb / 2P
0.5 A, 100 V Schottky Barrier Rectifiers
SCS05100V SECOS-SCS05100V Datasheet
268Kb / 2P
0.5 A, 100 V Schottky Barrier Rectifiers
SM10100DS SECOS-SM10100DS_11 Datasheet
275Kb / 2P
VOLTAGE 100 V 10A Schottky Barrier Rectifiers
SM20100D1 SECOS-SM20100D1 Datasheet
275Kb / 2P
VOLTAGE 100 V 20Amps Schottky Barrier Rectifiers
SCS160WS SECOS-SCS160WS Datasheet
182Kb / 2P
1 A, 60 V Schottky Barrier Rectifiers
SM140V SECOS-SM140V Datasheet
48Kb / 2P
1 A, 40 V Schottky Barrier Rectifiers
logo
Nexperia B.V. All right...
PMEG100T10ELXD-Q NEXPERIA-PMEG100T10ELXD-Q Datasheet
255Kb / 13P
100 V, 1 A Trench Schottky barrier rectifier
1 April 2022
PMEG100T10ELXD NEXPERIA-PMEG100T10ELXD Datasheet
255Kb / 13P
100 V, 1 A Trench Schottky barrier rectifier
1 April 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com