Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM140V Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM140V Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM140V
Download  SM140V Download
File Size   48.45 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1 A, 40 V Schottky Barrier Rectifiers

SM140V Datasheet (PDF)

Go To PDF Page Download Datasheet
SM140V Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM140V
Download  SM140V Click to download

File Size   48.45 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1 A, 40 V Schottky Barrier Rectifiers

SM140V Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SM140V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM140V-C SECOS-SM140V-C Datasheet
131Kb / 2P
Schottky Barrier Rectifiers
More results


Similar Description - SM140V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS0540P SECOS-SCS0540P Datasheet
270Kb / 2P
0.5 A, 40 V Schottky Barrier Rectifiers
SCS0540V SECOS-SCS0540V Datasheet
267Kb / 2P
0.5 A, 40 V Schottky Barrier Rectifiers
SCS751G SECOS-SCS751G_11 Datasheet
175Kb / 2P
0.03 A , 40 V Schottky Barrier Rectifiers
SCS1100P SECOS-SCS1100P Datasheet
270Kb / 2P
1 A, 100 V Schottky Barrier Rectifiers
SCS1100V SECOS-SCS1100V Datasheet
269Kb / 2P
1 A, 100 V Schottky Barrier Rectifiers
logo
NXP Semiconductors
PMEG4010ETR NXP-PMEG4010ETR Datasheet
204Kb / 13P
High-temperature 40 V, 1 A Schottky barrier rectifier
26 September 2012
logo
ON Semiconductor
NSR10404NXT5G ONSEMI-NSR10404NXT5G Datasheet
63Kb / 5P
1 A, 40 V, Schottky Barrier Diode
July, 2016 ??Rev. 1
logo
SeCoS Halbleitertechnol...
SCS160WS SECOS-SCS160WS Datasheet
182Kb / 2P
1 A, 60 V Schottky Barrier Rectifiers
logo
Nexperia B.V. All right...
PMEG4010EP-Q NEXPERIA-PMEG4010EP-Q Datasheet
254Kb / 12P
40 V, 1 A low VF Schottky barrier rectifier
20 February 2023
PMEG4010EP NEXPERIA-PMEG4010EP Datasheet
254Kb / 12P
40 V, 1 A low VF Schottky barrier rectifier
20 February 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com