Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS120V Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SCS120V Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SCS120V
Download  SCS120V Download
File Size   210.55 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.0Amp 20V Schottky Barrier Rectifiers

SCS120V Datasheet (PDF)

Go To PDF Page Download Datasheet
SCS120V Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SCS120V
Download  SCS120V Click to download

File Size   210.55 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.0Amp 20V Schottky Barrier Rectifiers

SCS120V Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SCS120V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS120V SECOS-SCS120V Datasheet
269Kb / 2P
Schottky Barrier Rectifiers
SCS120V SECOS-SCS120V Datasheet
269Kb / 2P
Schottky Barrier Rectifiers
SCS120V-C SECOS-SCS120V-C Datasheet
192Kb / 2P
Schottky Barrier Rectifiers
SCS120V SECOS-SCS120V_09 Datasheet
269Kb / 2P
Schottky Barrier Rectifiers
SCS120V SECOS-SCS120V_15 Datasheet
269Kb / 2P
Schottky Barrier Rectifiers
More results


Similar Description - SCS120V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N5817 SECOS-1N5817 Datasheet
190Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Schottky Barrier Rectifiers
1S20 SECOS-1S20 Datasheet
279Kb / 2P
VOLTAGE 20V ~ 60V 1.0AMP Schottky Barrier Rectifiers
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
SR120 SECOS-SR120 Datasheet
189Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS120P WILLAS-SCS120P Datasheet
153Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
SK12AF WILLAS-SK12AF Datasheet
306Kb / 2P
1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
SK12B WILLAS-SK12B Datasheet
284Kb / 2P
1.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5817 TSC-1N5817_12 Datasheet
250Kb / 4P
1.0AMP. Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR120 YFWDIODE-SR120 Datasheet
73Kb / 2P
1.0Amp Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SK12 FS-SK12 Datasheet
249Kb / 3P
VOLTAGE 20V ~ 60V 1.0AMP Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com