Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS120V Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS120V
Description  1.0Amp 20V Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS120V Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS120V Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS120V Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Average Forward Rectified Current - Amperes
Versus
Juntion Temperature
0
.2
.4
.6
°C
150
.8
1.0
1.2
1
2
4
10 20 40
60
100
0
1
2
3
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
4
5
.01
.
05
1
3
Instantaneous Forward Voltage - Volts
FIG.1 TYPICAL FORWARD CHARACTERISTICS
0 .4
.6
.8
1.0
1.2
1.4
Single Phase, Half Wave
60Hz Resistive or Inductive Load
0
50
75
100
125
175
FIG.4-PEAK FORWAED SURGE CURRENT
FIG.3-FORWARD DERATING CURVE
SCS120V
1.0Amp 20V Schottky Barrier Rectifiers
°C
T =
Volts
J
10
100
200
300
600
400
pF
.1
5
10
15
20
30
25
FIG.2-JUNCTION CAPACITANCE
Volts
5
Amps
Amps
01-Jun-200
7 Rev. B
Page
2 of 2
Any changing of specification will not be informed individual



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com