Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR120 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SR120 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SR120
Download  SR120 Download
File Size   189.94 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers

SR120 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR120 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SR120
Download  SR120 Click to download

File Size   189.94 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers

SR120 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SR120 Product details

FEATURES
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction




Similar Part No. - SR120

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR120 WTE-SR120 Datasheet
50Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR120 RECTRON-SR120 Datasheet
282Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
logo
Bytes
SR120 BYTES-SR120 Datasheet
153Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SR120 FORMOSA-SR120 Datasheet
33Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
SR120 ETC1-SR120 Datasheet
48Kb / 1P
SCHOTTKY RECTIERS SILICON RECTIFIER DIODES
More results


Similar Description - SR120

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N5817 SECOS-1N5817 Datasheet
190Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Schottky Barrier Rectifiers
1S20 SECOS-1S20 Datasheet
279Kb / 2P
VOLTAGE 20V ~ 60V 1.0AMP Schottky Barrier Rectifiers
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
SCS120V SECOS-SCS120V Datasheet
210Kb / 2P
1.0Amp 20V Schottky Barrier Rectifiers
SR1620 SECOS-SR1620 Datasheet
248Kb / 2P
VOLTAGE 20V ~ 100V 16.0AMP Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS120P WILLAS-SCS120P Datasheet
153Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SB120 FS-SB120 Datasheet
428Kb / 2P
REVERSE VOLTGE 20V~100V, FORWARD CURRENT 1.0AMP Schottky Barrier Rectifiers
SK12 FS-SK12 Datasheet
249Kb / 3P
VOLTAGE 20V ~ 60V 1.0AMP Surface Mount Schottky Barrier Rectifiers
SK17 FS-SK17 Datasheet
285Kb / 3P
VOLTAGE 70V ~ 100V 1.0AMP Surface Mount Schottky Barrier Rectifiers
SL12 FS-SL12 Datasheet
136Kb / 3P
VOLTAGE 20V ~ 40V 1.0AMP Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com