Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR1620 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SR1620 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SR1620
Download  SR1620 Download
File Size   248.81 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 20V ~ 100V 16.0AMP Schottky Barrier Rectifiers

SR1620 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR1620 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SR1620
Download  SR1620 Click to download

File Size   248.81 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 20V ~ 100V 16.0AMP Schottky Barrier Rectifiers

SR1620 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SR1620 Product details

FEATURES
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction




Similar Part No. - SR1620

ManufacturerPart #DatasheetDescription
logo
Bytes
SR1620 BYTES-SR1620 Datasheet
172Kb / 2P
16.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SR1620 CHENYI-SR1620 Datasheet
145Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
SR1620 DCCOM-SR1620 Datasheet
435Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR1620 FORMOSA-SR1620 Datasheet
46Kb / 2P
16.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR1620 TSC-SR1620 Datasheet
93Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - SR1620

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP1620 SECOS-SP1620 Datasheet
186Kb / 2P
16.0AMP Schottky Barrier Rectifiers
SP16200 SECOS-SP16200 Datasheet
241Kb / 2P
16.0AMP Schottky Barrier Rectifiers
SR120 SECOS-SR120 Datasheet
189Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
SR220 SECOS-SR220 Datasheet
102Kb / 2P
VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
SR16150 SECOS-SR16150 Datasheet
193Kb / 2P
16.0AMP Schottky Barrier Rectifiers
SM1020C SECOS-SM1020C_11 Datasheet
248Kb / 2P
Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_12 Datasheet
298Kb / 2P
Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS120P WILLAS-SCS120P Datasheet
153Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SR1620 LUGUANG-SR1620 Datasheet
253Kb / 2P
16.0AMP. Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR1620C-TO220AB YFWDIODE-SR1620C-TO220AB Datasheet
269Kb / 2P
16.0Amp Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com