Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM-1FSMS2720 Datasheet (PDF) - JDS Uniphase Corporation

DWM-1FSMS2720 Datasheet PDF - JDS Uniphase Corporation
Part # DWM-1FSMS2720
Download  DWM-1FSMS2720 Download
File Size   156.89 Kbytes
Page   4 Pages
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation
Description Multi-Channel Mux/Demux Module 100 GHz Spacing

DWM-1FSMS2720 Datasheet (PDF)

Go To PDF Page Download Datasheet
DWM-1FSMS2720 Datasheet PDF - JDS Uniphase Corporation

Part # DWM-1FSMS2720
Download  DWM-1FSMS2720 Click to download

File Size   156.89 Kbytes
Page   4 Pages
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation
Description Multi-Channel Mux/Demux Module 100 GHz Spacing

DWM-1FSMS2720 Datasheet (HTML) - JDS Uniphase Corporation




Similar Part No. - DWM-1FSMS2720

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
DWM-01-51-T-S-250 SAMTEC-DWM-01-51-T-S-250 Datasheet
395Kb / 1P
MICRO BOARD STACKER
logo
JDS Uniphase Corporatio...
DWM-2F4DS2720 JDSU-DWM-2F4DS2720 Datasheet
156Kb / 4P
Multi-Channel Mux/Demux Module 200 GHz Spacing
DWM-2F4DS2722 JDSU-DWM-2F4DS2722 Datasheet
156Kb / 4P
Multi-Channel Mux/Demux Module 200 GHz Spacing
DWM-2F4DS2723 JDSU-DWM-2F4DS2723 Datasheet
156Kb / 4P
Multi-Channel Mux/Demux Module 200 GHz Spacing
DWM-2F4DS2724 JDSU-DWM-2F4DS2724 Datasheet
156Kb / 4P
Multi-Channel Mux/Demux Module 200 GHz Spacing
More results


Similar Description - DWM-1FSMS2720

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
Mux/DeMux NanoSwitch?
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
DeMux/Mux NanoSwitch
logo
Finisar Corporation.
FWSF-M-D-1550-CWDM FINISAR-FWSF-M-D-1550-CWDM Datasheet
183Kb / 2P
1550/CWDM MUX/DEMUX Plug-in Module
M-DF-4-EX-LC FINISAR-M-DF-4-EX-LC Datasheet
128Kb / 2P
CWDM MUX/DEMUX-4-EX Optibox Module
M-DF-4-2-LC FINISAR-M-DF-4-2-LC Datasheet
120Kb / 2P
CWDM MUX/DEMUX-4-2 Optibox Module
FWSF-M-D-8 FINISAR-FWSF-M-D-8 Datasheet
176Kb / 2P
CWDM MUX/DEMUX-8 Plug-in Module
M-DF-8-LC FINISAR-M-DF-8-LC Datasheet
126Kb / 2P
CWDM MUX/DEMUX-8 Optibox??Module
logo
JDS Uniphase Corporatio...
FWM-T40D7F09 JDSU-FWM-T40D7F09 Datasheet
126Kb / 3P
Multi-Channel CWDM Mux/Demux 20 nm Spacing
DWM-2F4DS2720 JDSU-DWM-2F4DS2720 Datasheet
156Kb / 4P
Multi-Channel Mux/Demux Module 200 GHz Spacing
logo
Finisar Corporation.
FWSF-D-40-M FINISAR-FWSF-D-40-M Datasheet
263Kb / 3P
40 channels 100G DWDM MUX/DEMUX Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com