Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1623K Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2SC1623K Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2SC1623K
Download  2SC1623K Download
File Size   284.39 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Epitaxial Planar Transistor

2SC1623K Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC1623K Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2SC1623K
Download  2SC1623K Click to download

File Size   284.39 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Epitaxial Planar Transistor

2SC1623K Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


2SC1623K Product details

FEATURE
• High DC current gain :hFE=200(Typ), VCE=6V, IC=1mA.
• High Voltage : VCEO=50V.




Similar Part No. - 2SC1623K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC1623K SECOS-2SC1623K_11 Datasheet
497Kb / 4P
0.1A , 60V NPN Epitaxial Planar Transistor
2SC1623K SECOS-2SC1623K_15 Datasheet
497Kb / 4P
NPN Epitaxial Planar Transistor
More results


Similar Description - 2SC1623K

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com