Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1623K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC1623K
Description  NPN Epitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC1623K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC1623K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC1623K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC1623K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2SC1623K
150 A, 60 V
NPN Epitaxial Planar Transistor
01-June-2002 Rev. A
Page 1 of 3
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
DESCRIPTION
The 2SC1623K is designed for use in
driver stage of AF amplifier and
general purpose application.
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5
V
Collector Currrent
IC
100
mA
Total Power Dissipation
Pc
200
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
℃
CHARACTERISTICS at Ta = 25°C
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=100uA
BVCEO
50
-
-
V
IC=1mA
BVEBO
5
-
-
V
IE=100uA
ICBO
-
-
100
nA
VCB=60V
IEBO
-
-
100
nA
VEB=5V
*VCE(sat)
-
-
300
mV
IC=100mA, IB=10mA
*VBE(sat)1
-
-
1.0
V
IC=100mA, IB=10mA
*hFE1
90
-
600
VCE=6V, IC=1mA
fT
-
250
-
MHz
VCE=6V, IC=10mA
* Pulse Test: Pulse Width≦380μs, Duty Cycle≦2%
CLASSIFICATION OF hFE1
Rank
P
Y
G
B
Range
90 - 180
135 - 270
200 - 400
300 - 600
Marking
L4
L5
L6
L7
Collector
Base
Emitter
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3


Similar Part No. - 2SC1623K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC1623K SECOS-2SC1623K_11 Datasheet
497Kb / 4P
0.1A , 60V NPN Epitaxial Planar Transistor
2SC1623K SECOS-2SC1623K_15 Datasheet
497Kb / 4P
NPN Epitaxial Planar Transistor
More results

Similar Description - 2SC1623K

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com