Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB157 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

RB157 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # RB157
Download  RB157 Download
File Size   226.84 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 50V ~ 1000V 1.5AMP Single Phase Bridge Rectifiers

RB157 Datasheet (PDF)

Go To PDF Page Download Datasheet
RB157 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # RB157
Download  RB157 Click to download

File Size   226.84 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 50V ~ 1000V 1.5AMP Single Phase Bridge Rectifiers

RB157 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


RB157 Product details

FEATURES
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
* Weight: 1.04 grams
* Low leakage current




Similar Part No. - RB157

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RB157 RECTRON-RB157 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Semtech Corporation
RB157 SEMTECH-RB157 Datasheet
127Kb / 2P
1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Bytes
RB157 BYTES-RB157 Datasheet
145Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Shanghai Lunsure Electr...
RB157 CHENYI-RB157 Datasheet
136Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Dc Components
RB157 DCCOM-RB157 Datasheet
386Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Similar Description - RB157

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG5391A SECOS-QG5391A Datasheet
177Kb / 2P
VOLTAGE 50V ~ 1000V 1.5AMP Surface Mount Silicon Rectifiers
RS201 SECOS-RS201 Datasheet
225Kb / 2P
VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
RS201L SECOS-RS201L Datasheet
290Kb / 2P
VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
RS601 SECOS-RS601 Datasheet
95Kb / 2P
VOLTAGE 50V ~ 1000V 6.0AMP Single Phase Bridge Rectifiers
RS601M SECOS-RS601M Datasheet
93Kb / 2P
VOLTAGE 50V ~ 1000V 6.0AMP Single Phase Bridge Rectifiers
RS801 SECOS-RS801 Datasheet
238Kb / 2P
VOLTAGE 50V ~ 1000V 8.0AMP Single Phase Bridge Rectifiers
RS801M SECOS-RS801M Datasheet
92Kb / 2P
VOLTAGE 50V ~ 1000V 8.0AMP Single Phase Bridge Rectifiers
RS1505 SECOS-RS1505 Datasheet
95Kb / 2P
VOLTAGE 50V ~ 1000V 15.0 AMP Single Phase Bridge Rectifiers
S20 SECOS-S20 Datasheet
218Kb / 2P
VOLTAGE 50V ~ 1000V 0.8AMP Single Phase Surface Mount Bridge Rectifiers
W005G SECOS-W005G Datasheet
202Kb / 2P
1.5AMP Single Phase Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com