Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U06C60 Datasheet (PDF) - Mospec Semiconductor

U06C60 Datasheet PDF - Mospec Semiconductor
Part # U06C60
Download  U06C60 Download
File Size   141.8 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER RECTIFIERS(6.0A,300-600V)

U06C60 Datasheet (PDF)

Go To PDF Page Download Datasheet
U06C60 Datasheet PDF - Mospec Semiconductor

Part # U06C60
Download  U06C60 Click to download

File Size   141.8 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER RECTIFIERS(6.0A,300-600V)

U06C60 Datasheet (HTML) - Mospec Semiconductor


U06C60 Product details

Switchmode Dual Ultrafast Power Rectifiers

ULTRA FAST RECTIFIERS 6.0 AMPERES 300 -- 600 VOLTS




Similar Part No. - U06C60

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
U06C05 MOSPEC-U06C05 Datasheet
134Kb / 2P
POWER RECTIFIERS(6.0A,50-200V)
U06C10 MOSPEC-U06C10 Datasheet
134Kb / 2P
POWER RECTIFIERS(6.0A,50-200V)
U06C15 MOSPEC-U06C15 Datasheet
134Kb / 2P
POWER RECTIFIERS(6.0A,50-200V)
U06C20 MOSPEC-U06C20 Datasheet
134Kb / 2P
POWER RECTIFIERS(6.0A,50-200V)
More results


Similar Description - U06C60

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
F12C30 MOSPEC-F12C30 Datasheet
141Kb / 2P
POWER RECTIFIERS(12A,300-600V)
F16C30 MOSPEC-F16C30 Datasheet
137Kb / 2P
POWER RECTIFIERS(16A,300-600V)
F30D30 MOSPEC-F30D30 Datasheet
140Kb / 2P
POWER RECTIFIERS(30A,300-600V)
U12C30 MOSPEC-U12C30 Datasheet
139Kb / 2P
POWER RECTIFIERS(12A,300-600V)
U16C30 MOSPEC-U16C30 Datasheet
138Kb / 2P
POWER RECTIFIERS(16A,300-600V)
U20C30 MOSPEC-U20C30 Datasheet
141Kb / 2P
POWER RECTIFIERS(20A,300-600V)
U20D30 MOSPEC-U20D30 Datasheet
140Kb / 2P
POWER RECTIFIERS(20A,300-600V)
U30D30 MOSPEC-U30D30 Datasheet
142Kb / 2P
POWER RECTIFIERS(30A,300-600V)
U60D30 MOSPEC-U60D30 Datasheet
143Kb / 2P
POWER RECTIFIERS(60A,300-600V)
logo
Gulf Semiconductor
FESB06J GULFSEMI-FESB06J Datasheet
76Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:6.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com