Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF51 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SF51 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SF51
Download  SF51 Download
File Size   160.17 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 5 A, Super Fast Rectifiers

SF51 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF51 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SF51
Download  SF51 Click to download

File Size   160.17 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 5 A, Super Fast Rectifiers

SF51 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SF51 Product details

VOLTAGE 50 ~ 600 V 5 A, Super Fast Rectifiers



FEATURES

  Low forward voltage drop

  High current capability

  High reliability

  High surge current capability

  High speed switching




Similar Part No. - SF51

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF51 MOSPEC-SF51 Datasheet
127Kb / 2P
POWER RECTIFIERS(5.0A, 50-400V)
logo
Won-Top Electronics
SF51 WTE-SF51 Datasheet
47Kb / 3P
5.0A SUPER-FAST RECTIFIER
logo
Rectron Semiconductor
SF51 RECTRON-SF51 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes)
logo
Bytes
SF51 BYTES-SF51 Datasheet
161Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF51 DCCOM-SF51 Datasheet
475Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
More results


Similar Description - SF51

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF51G SECOS-SF51G Datasheet
161Kb / 2P
5 A, Glass Passivated Super Fast Rectifiers
SF21 SECOS-SF21_09 Datasheet
150Kb / 2P
2 A, Super Fast Rectifiers
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
DIYI Electronic Technol...
SF51 DYELEC-SF51 Datasheet
614Kb / 2P
5 .0 AMP. Super Fast Rectifiers
logo
Bytesonic Electronics C...
ES5A BYTESONIC-ES5A Datasheet
447Kb / 2P
5 AMP SUPER FAST RECTIFIERS
2018/3/5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com