Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF21 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SF21 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SF21_09
Download  SF21 Download
File Size   150.78 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 2 A, Super Fast Rectifiers

SF21 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF21 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SF21_09
Download  SF21 Click to download

File Size   150.78 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 2 A, Super Fast Rectifiers

SF21 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SF21_09

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
SF2100A-AS SOSHIN-SF2100A-AS Datasheet
99Kb / 2P
Single-phase 2-line 250VAC
SF2100C-JQ SOSHIN-SF2100C-JQ Datasheet
161Kb / 3P
Single-phase 2-line 500VAC Wide range high attenuation Type
logo
RF Monolithics, Inc
SF2110D RFM-SF2110D Datasheet
259Kb / 6P
For prototype or pre-production sample please contact RFM Sales.
SF2120C RFM-SF2120C Datasheet
562Kb / 7P
149.00 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2120C MURATA-SF2120C Datasheet
562Kb / 7P
149 MHz SAW Filter
More results


Similar Description - SF21_09

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF51 SECOS-SF51 Datasheet
160Kb / 2P
5 A, Super Fast Rectifiers
SF21G SECOS-SF21G Datasheet
71Kb / 2P
2 A, Glass Passivated Super Fast Rectifiers
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com